Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 35 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 35 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 31Page - Dallas Semiconductor DS89C430 Datasheet HTML 32Page - Dallas Semiconductor DS89C430 Datasheet HTML 33Page - Dallas Semiconductor DS89C430 Datasheet HTML 34Page - Dallas Semiconductor DS89C430 Datasheet HTML 35Page - Dallas Semiconductor DS89C430 Datasheet HTML 36Page - Dallas Semiconductor DS89C430 Datasheet HTML 37Page - Dallas Semiconductor DS89C430 Datasheet HTML 38Page - Dallas Semiconductor DS89C430 Datasheet HTML 39Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
35 of 48
Figure 13. Page Mode 1, External Data Memory Access
(PAGES = 01, Stretch = 4, CD = 10)
ALE
PSEN
Port 0
Port 2
ALE
PSEN
Port 0
Port 2
RD/WR
XTAL1
Inst
Inst Inst
Inst
Inst
MSB
LSB LSB
LSB
LSB
LSB
LSB LSB
Inst
Data
Memory Access (Stretch = 4)
MOVX Instruction (Page miss)
1st
Cycle
2nd
Cycle
3rd
Cycle
4th
Cycle
9th
Cycle
MOVX
Instruction
Fetch
LSB LSB LSB
Inst Inst Inst
MOVX Instruction (Page hit)
Memory Access (Stretch = 4)
MOVX
Instruction
Fetch
1st
Cycle
2nd
Cycle
3rd
Cycle
4th
Cycle
5th
Cycle
9th
Cycle
LSB
LSB
LSB
LSB
Inst Inst Inst Inst
RD/WR
Data
LSB
Interrupts
The DS89C430 provides 13 interrupt sources. All interrupts, with the exception of the power fail, are controlled by a
series combination of individual enable bits and a global enable (EA) in the interrupt-enable register (IE.7). Setting
EA to a logic 1 allows individual interrupts to be enabled. Setting EA to a logic 0 disables all interrupts regardless of
the individual interrupt-enable settings. The power-fail interrupt is controlled by its individual enable only.
The interrupt enables and priorities are functionally identical to those of the 80C52, except that the DS89C430
supports five levels of interrupt priorities instead of the original two.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com