Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 43 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 43 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 39Page - Dallas Semiconductor DS89C430 Datasheet HTML 40Page - Dallas Semiconductor DS89C430 Datasheet HTML 41Page - Dallas Semiconductor DS89C430 Datasheet HTML 42Page - Dallas Semiconductor DS89C430 Datasheet HTML 43Page - Dallas Semiconductor DS89C430 Datasheet HTML 44Page - Dallas Semiconductor DS89C430 Datasheet HTML 45Page - Dallas Semiconductor DS89C430 Datasheet HTML 46Page - Dallas Semiconductor DS89C430 Datasheet HTML 47Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
43 of 48
Stop Mode
Stop mode disables all circuits within the processor. All on-chip clocks, timers, and serial port communication are
stopped, and no processing is possible.
Stop mode is invoked by setting the stop bit (PCON.1) to logic 1. The processor enters stop mode on the
instruction that sets the bit. The processor can exit stop mode by using any of the six external interrupts that are
enabled.
An external reset through the RST pin unconditionally exits the processor from stop mode. If the BGS bit is set to
logic 1, the bandgap provides a reset while in stop mode if VCC should drop below the VRST level. If BGS is 0, no
reset is generated if VCC drops below VRST.
When the stop mode is removed, the processor waits for 65,536 clock cycles for the internal flash memory to warm
up before starting normal execution. Also, the processor waits for the crystal warmup period if it is not using the
ring oscillator.
Serial I/O
The microcontroller provides a serial port (UART) that is identical to the 80C52. In addition, it includes a second
hardware serial port that is a full duplicate of the standard one. This port optionally uses pins P1.2 (RXD1) and
P1.3 (TXD1) and has duplicate control functions included in new SFR locations.
Both ports can operate simultaneously but can be at different baud rates or modes. The second serial port has
similar control registers (SCON1 at C0h, SBUF1 at C1h) to the original. The new serial port can only use timer 1 for
timer-generated baud rates.
Control for serial port 0 is provided by the SCON0 register, while its I/O buffer is SBUF0. The registers SCON1 and
SBUF1 provide the same functions for the second serial port. A full description of the use and operation of both
serial ports can be found in the Ultra-High-Speed Flash Microcontroller User’s Guide.
Instruction Set
All instructions are 100% binary compatible with the industry-standard 8051, and are only different in the number of
machine cycles used for the instructions. There are some special conditions and features to be considered when
analyzing the DS89C430 instruction set. Full details are available in the Ultra-High-Speed Flash Microcontroller
User’s Guide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com