Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS89C430 Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS89C430
Description  Ultra-High-Speed Flash Microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS89C430 Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS89C430 Datasheet HTML 36Page - Dallas Semiconductor DS89C430 Datasheet HTML 37Page - Dallas Semiconductor DS89C430 Datasheet HTML 38Page - Dallas Semiconductor DS89C430 Datasheet HTML 39Page - Dallas Semiconductor DS89C430 Datasheet HTML 40Page - Dallas Semiconductor DS89C430 Datasheet HTML 41Page - Dallas Semiconductor DS89C430 Datasheet HTML 42Page - Dallas Semiconductor DS89C430 Datasheet HTML 43Page - Dallas Semiconductor DS89C430 Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
DS89C430/DS89C440/DS89C450 Ultra-High-Speed Flash Microcontrollers
40 of 48
Watchdog Timer
The watchdog timer functions as the source of both the watchdog interrupt and the watchdog reset. When the clock
divider is set to 10b, the interrupt timeout has a default divide ratio of 2
17 of the crystal oscillator clock, with the
watchdog reset set to time out 512 system clock cycles later. This results in a 33MHz crystal oscillator producing
an interrupt timeout every 3.9718ms, followed 15.5µs later by a watchdog reset. The watchdog timer is reset to the
default divide ratio following any reset. Using the WD0 and WD1 bits in the clock control (CKCON.6 and 7) register,
other divide ratios can be selected for longer watchdog interrupt periods. Table 13 summarizes the watchdog bits
settings and the timeout values. Note: All watchdog timer reset timeouts follow the programmed interrupt timeouts
by 512 system clock cycles, which equates to varying numbers of oscillator cycles depending on the clock divide
(CD1:0) and crystal multiplier settings.
Table 13. Watchdog Timeout Value (In Number of Oscillator Clocks)
WATCHDOG INTERRUPT TIMEOUT
WATCHDOG RESET TIMEOUT
4X/
2X CD1:0
WD1:0 = 00 WD1:0 = 01 WD1:0 = 10 WD1:0 = 11
WD1:0 = 00
WD1:0 = 01
WD1:0 = 10
WD1:0 = 11
1
00
2
15
2
18
2
21
2
24
2
15 + 128
2
18 + 128
2
21 + 128
2
24 + 128
0
00
2
16
2
19
2
22
2
25
2
16 + 256
2
19 + 256
2
22 + 256
2
25 + 256
x
01
2
17
2
20
2
23
2
26
2
17 + 512
2
20 + 512
2
23 + 512
2
26 + 512
x
10
2
17
2
20
2
23
2
26
2
17 + 512
2
20 + 512
2
23 + 512
2
26 + 512
x
11
2
27
2
30
2
33
2
36
2
27 + 524,288
2
30 + 524,288
2
33 + 524,288
2
36 + 524,288
A watchdog control (WDCON) SFR is used for programming the functions. EWT (WDCON.1) is the enable for the
watchdog timer-reset function and RWT (WDCON.0) is the bit used to restart the watchdog timer. Setting the RWT
bit restarts the timer for another full interval. If the watchdog timer-reset function is masked by the EWT bit and no
resets are issued to the timer through the RWT bit, the watchdog timer generates interrupt timeouts at a rate
determined by the programmed divide ratio. WDIF (WDCON.3) is the interrupt flag set at timer termination and
WTRF (WDCON.2) is the reset flag set following a watchdog reset timeout. Setting the EWDI bit (EIE.4) enables
the watchdog interrupt. The watchdog timer reset and interrupt timeouts are measured by counting system clock
cycles.
An independent watchdog timer functions as the crystal startup counter to count 65,536 crystal clock cycles before
allowing the crystal oscillator to function as the system clock. This warmup time is verified by the watchdog timer
following each power-up as well as each time the crystal is restarted following a stop mode. The watchdog is also
used to establish a startup time whenever the CTM in the PMR register is set to enable the crystal multiplier
(4X/
2X).
One of the watchdog timer applications is for the watchdog to wake up the system from idle mode. The watchdog
interrupt can be programmed to allow a system to wake up periodically to sample the external world.
Internal System Reset
A software reset can be initiated by writing a system reset command to the flash control SFR. The reset state is
maintained for approximately 90 external clock cycles. During this time, the RST pin is driven to a logic high. Once
the reset is removed, the RST pin is driven low, and operation begins from address 0000h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com