Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLX/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLX/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLX/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP8553TLX/NOPB Datasheet HTML 11Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 12Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
Dither
With dithering the output resolution can be “artificially” increased during sloping from one brightness value to
another. This way the brightness change steps are not visible to eye. Dithering can be from 0 to 3 bits, and is
selected with <DITHER[1:0]> EEPROM bits.
PWM Comparator
The PWM counter clocks the PWM comparator based on the duty cycle value received from Dither block. Output
of the PWM comparator controls directly the LED drivers. If PSPWM mode is used, then the signal to each LED
output is delayed certain amount.
Current Setting
Maximum current of the LED outputs is controlled with CURRENT[7:0] EEPROM register bits linearly from 0 to
30 mA. If <EN_I_RES> = 1 the maximum LED output current can be scaled also with external resistor, RISET.
RISET controls the LED current as follows:
•
Default value for CURRENT[7:0] = 7Fh (127d).
(1)
Therefore the output current can be calculated as follows:
Note: formula is only approximation for the actual current.
•
E.g. If 16 k
Ω RISET resistor is used, then the LED maximum current is 23 mA.
(2)
PWM Frequency Setting
PWM frequency is selected with PWM_FREQ[4:0] EEPROM register. If PLL clock frequency multiplication is
used, it will affect the output PWM frequency as well. <PWM_RESOLUTION[1:0]> EEPROM bits will select the
PLL output frequency and hence the PWM frequency and resolution. Below are listed PWM frequencies with
<EN_VSYNC]> = 0. PWM resolution setting affects the PLL clock frequency (5 MHz…40 MHz). Highlighted
frequencies with boldface can be selected also with external resistor RFSET. To activate RFSET frequency selection
the <EN_F_RES> EEPROM bit must be 1.
PWM_RES[1:0]
00
01
10
11
PWM_FREQ[4:0]
5 MHz
10 MHz
20 MHz
40 MHz
Resolution (bits)
11111
19232
-
-
-
8
11110
16828
-
-
-
8
11101
14424
-
-
-
8
11100
12020
-
-
-
8
11011
9616
19232
-
-
9
11010
7963
15927
-
-
9
11001
6386
12771
-
-
9
11000
4808
9616
19232
-
10
10111
4658
9316
18631
-
10
10110
4508
9015
18030
-
10
10101
4357
8715
17429
-
10
10100
4207
8414
16828
-
10
10011
4057
8114
16227
-
10
10010
3907
7813
15626
-
10
10001
3756
7513
15025
-
10
10000
3606
7212
14424
-
10
01111
3456
6912
13823
-
10
01110
3306
6611
13222
-
10
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com