Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLX/NOPB Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLX/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLX/NOPB Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP8553TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 31Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 32Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 33Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 34Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 35Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 36Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 37Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
EEPROM ADDRESS 5 register
Name
Bit
Access
Description
EN_VSYNC
7
R/W
Enable VSYNC function
0 = VSYNC input disabled
1 = VSYNC input enabled. VSYNC signal is used by the internal PLL to generate
PWM output and boost frequency.
DITHER
6:5
R/W
Dither function controls
00 = Dither function disabled
01 = 1-bit dither used for output PWM transitions
10 = 2-bit dither used for output PWM transitions
11 = 3-bit dither used for output PWM transitions
VBOOST
4:0
R/W
Boost voltage control from 10V to 40V with 1V step. If adaptive boost control is
enabled, this sets the initial start voltage for the boost converter. If adaptive mode
is disabled, this will directly set the output voltage of the boost converter.
0 0000 = 10V
0 0001 = 11V
0 0010 = 12V
...
1 1101 = 39V
1 1110 = 40V
1 1111 = 40V
EEPROM Address 6
Address A6h
EEPROM ADDRESS 6 register
7
6
5
4
3
2
1
0
PLL[12:5]
Name
Bit
Access
Description
PLL
7:0
R/W
13-bit counter value for PLL, 8 MSB bits. PLL[12:0] bits are used when en_vsync =
1. See table below for PLL value calculation.
EEPROM Address 7
Address A7h
EEPROM ADDRESS 7 register
7
6
5
4
3
2
1
0
PLL[4:0]
EN_F_RES
HYSTERESIS[1:0]
Name
Bit
Access
Description
PLL
7:3
R/W
13-bit counter value for PLL, 5 LSB bits. PLL[12:0] bits are used when en_vsync = 1. See
table below for PLL value calculation.
EN_F_RES
2
R/W
Enable PWM output frequency set resistor
0 = Resistor is disabled and PWM output frequency is set with PWM_FREQ EEPROM
register bits
1 = PWM frequency set resistor is enabled. RFSET defines the output PWM frequency. See
table in PWM Frequency Setting for full description of the PWM frequencies.
HYSTERESIS
1:0
R/W
PWM input hysteresis function. Will define how small changes in the PWM input are
ignored to remove constant switching between two values.
00 = OFF
01 = 1-bit hysteresis with 11-bit resolution
10 = 1-bit hysteresis with 10-bit resolution
11 = 1-bit hysteresis with 8-bit resolution
34
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com