Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLX/NOPB Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLX/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLX/NOPB Datasheet(HTML) 27 Page - Texas Instruments

Back Button LP8553TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 30Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
Register Bit Explanations
Brightness Control
Address 00h
Reset value 0000 0000b
Brightness Control register
7
6
5
4
3
2
1
0
BRT[7:0]
Name
Bit
Access
Description
BRT
7:0
R/W
Backlight PWM 8-bit linear control.
Device Control
Address 01h
Reset value 0000 0000b
Device Control register
7
6
5
4
3
2
1
0
BRT_MODE[1:0]
BL_CTL
Name
Bit
Access
Description
BRT_MODE
2:1
R/W
PWM source mode
00b = PWM input pin duty cycle control (default)
01b = PWM input pin duty cycle control
10b = Brightness register
11b = Direct PWM control from PWM input pin
BL_CTL
0
R/W
Enable backlight
0 = Backlight disabled and chip turned off if BRT_MODE[1:0] = 10. In external PWM
pin control the state of the chip is defined with the PWM pin and this bit has no
effect.
1 = Backlight enabled and chip turned on if BRT_MODE[1:0] = 10. In external PWM
pin control the state of the chip is defined with the PWM pin and this bit has no
effect.
Fault
Address 02h
Reset value 0000 0000b
Fault register
7
6
5
4
3
2
1
0
OPEN
SHORT
2_CHANNELS
1_CHANNEL
BL_FAULT
OCP
TSD
UVLO
Name
Bit
Access
Description
OPEN
7
R
LED open fault detection
0 = No fault
1 = LED open fault detected. Fault pin is pulled to GND. Fault is cleared by reading
the register 02h or setting EN pin low.
SHORT
6
R
LED short fault detection
0 = No fault
1 = LED short fault detected. Fault pin is pulled to GND. Fault is cleared by reading
the register 02h or setting EN pin low.
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com