Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLX/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP8553TLX/NOPB Datasheet HTML 13Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 14Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 15Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 16Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 17Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 18Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 19Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 20Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
+1 LSB
PWM value 510 (10-bit)
PWM value 510 1/2 (10-bit)
PWM value 511 (10-bit)
Brightness (PWM)
Time
Slope Time
Advanced slope
Brightness (PWM)
Sloper Input
PWM Output
Time
Normal slope
Steady state without dithering
If dither is enabled it will
be used during transition
to enable smooth effect
OUT1
OUT2
OUT3
OUT4
tSHIFT = 1/(FPWM x 4)
Shift time
1/(FPWM)
Cycle time
LP8553
www.ti.com
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
Figure 17. Phase Shift PWM Mode
Slope and Dithering
During transition between two brightness (PWM) values special dithering scheme is used if the slope is enabled.
It allows increased resolution and smaller average steps size. Dithering is not used in steady state condition.
Slope time can be programmed with EEPROM bits <SLOPE[3:0]> from 0 to 500 ms. Same slope time is used for
sloping up and down. Advanced slope makes brightness changes smooth for the eye. Dithering can be
programmed with EEPROM bits <DITHER[1:0]> from 0 to 3 bits. Example below is for 1-bit dithering, e.g., for 3-
bit dithering, every 8th pulse is made 1 LSB longer to increase the average value by 1/8 of LSB.
Figure 18. Sloper Operation
Figure 19. Example of the Dithering,
1-bit dither, 10-bit resolution
Copyright © 2011–2014, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com