Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP8553TLX/NOPB Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # LP8553TLX/NOPB
Description  LP8553 High-Efficiency LED Backlight Driver for Notebooks
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP8553TLX/NOPB Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP8553TLX/NOPB Datasheet HTML 22Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 23Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 24Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 25Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 26Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 27Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 28Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 29Page - Texas Instruments LP8553TLX/NOPB Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
LP8553
SNVS701B – SEPTEMBER 2011 – REVISED JANUARY 2014
www.ti.com
Output Diode
A Schottky diode should be used for the output diode. Peak repetitive current should be greater than inductor
peak current (2.5A) to ensure reliable operation. Average current rating should be greater than the maximum
output current. Schottky diodes with a low forward drop and fast switching speeds are ideal for increasing
efficiency in portable applications. Choose a reverse breakdown voltage of the Schottky diode significantly larger
(~60V) than the output voltage. Do not use ordinary rectifier diodes, since slow switching speeds and long
recovery times cause the efficiency and the load regulation to suffer.
Resistors for Setting the LED Current and PWM Frequency
See Table 3 on how to select values for these resistors
Filter Component Values
Optimal components for 60 Hz VSYNC frequency and 4 Hz cut-off frequency of the low-pass filter are shown in the
Typical Application diagrams and in the figure below. If 2 Hz cut-off frequency i.e. slower response time is
desired, filter components are: C1 = 1 μF, C2 = 10 μF and R = 47 kΩ. If different VSYNC frequency or response
time is desired, please contact TI representative for guidance.
Table 2. Register Map
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
DEFAULT
00H
Brightness
BRT[7:0]
0000 0000
Control
01H
Device Control
BRT_MODE[1:0]
BL_CTL
0000 0000
02H
Fault
OPEN
SHORT
2_CHANN 1_CHANN
BL_FAULT
OCP
TSD
UVLO
0000 0000
ELS
EL
03H
ID
PANEL
MFG[3:0]
REV[2:0]
1111 1100
04H
Direct Control
OUT[4:1]
0000 0000
05H
Temp MSB
TEMP[10:3]
0000 0000
06H
Temp LSB
TEMP[2:0]
0000 0000
72H
EEPROM_con EE_READ
EE_INIT
EE_PROG
EE_READ 0000 0000
trol
Y
Table 3. EEPROM Memory Map
ADDR
REGISTER
D7
D6
D5
D4
D3
D2
D1
D0
A0H
eeprom addr 0
CURRENT[7:0]
A1H
eeprom addr 1
BOOST_FREQ[1:0]
EN_PWM
TEMP_LIM[1:0]
SLOPE[2:0]
_&_I_CTR
L
A2H
eeprom addr 2
ADAPTIVE_SPEED[1:0]
ADV_SLO
MODE_25/
EN_ADAPT
EN_BOOS
BOOST_IM
I_SLOPE[
PE
50%_SEL
T
AX
1]
A3H
eeprom addr 3
UVLO[1:0]
EN_PSP
PWM_FREQ[4:0]
WM
A4H
eeprom addr 4
PWM_RESOLUTION[1:
EN_I_RE
LED_FAUL
I_SLOPE[0]
DRV_HEADR[2:0]
0]
S
T_THR
A5H
eeprom addr 5
EN_VSY
DITHER[1:0]
VBOOST[4:0]
NC
A6H
eeprom addr 6
PLL[12:5]
A7H
eeprom addr 7
PLL[4:0]
EN_F_RES
HYSTERESIS[1:0]
26
Submit Documentation Feedback
Copyright © 2011–2014, Texas Instruments Incorporated
Product Folder Links: LP8553



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com