Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2444CPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444CPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLV2444CPWR Datasheet HTML 1Page - Texas Instruments TLV2444CPWR Datasheet HTML 2Page - Texas Instruments TLV2444CPWR Datasheet HTML 3Page - Texas Instruments TLV2444CPWR Datasheet HTML 4Page - Texas Instruments TLV2444CPWR Datasheet HTML 5Page - Texas Instruments TLV2444CPWR Datasheet HTML 6Page - Texas Instruments TLV2444CPWR Datasheet HTML 7Page - Texas Instruments TLV2444CPWR Datasheet HTML 8Page - Texas Instruments TLV2444CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2442 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP CARRIER
(FK)
CERAMIC DIP
(JG)
TSSOP
(PW)
CERAMIC FLAT
PACK
(U)
0
°C to 70°C
2.5 mV
TLV2442CD
—
—
TLV2442CPW
—
40
°Cto85°C
950
µV
TLV2442AID
—
—
TLV2442AIPW
—
– 40
°C to 85°C
µ
2.5 mV
TLV2442ID
—
—
—
—
40
°Cto125°C
950
µV
TLV2442AQD
—
—
TLV2442AQPW
—
– 40
°C to 125°C
µ
2.5 mV
TLV2442QD
—
—
TLV2442QPW
—
55
°Cto125°C
950
µV
—
TLV2442AMFK
TLV2442AMJG
—
TLV2442AMU
– 55
°C to 125°C
µ
2.5 mV
—
TLV2442MFK
TLV2442MJG
—
TLV2442MU
The D and PW packages are available taped and reeled. Add R suffix to device type (e.g., TLV2442CDR).
TLV2444 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
TSSOP
(PW)
0
°C to 70°C
2.5 mV
TLV2444CD
TLV2444CPW
40
°Cto125°C
950
µV
TLV2444AID
TLV2444AIPW
– 40
°C to 125°C
µ
2.5 mV
TLV2444ID
TLV2444IPW
The D and PW packages are available taped and reeled. Add R suffix to device type (e.g., TLV2444CDR).
1
2
3
4
8
7
6
5
1OUT
1IN–
1IN +
VDD –/GND
VDD+
2OUT
2IN –
2IN +
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN +
VDD–/GND
VDD+
2OUT
2IN –
2IN +
NC
VDD +
2OUT
2IN –
2IN +
NC
1OUT
1IN –
1IN +
VDD–/GND
1
2
3
4
5
10
9
8
7
6
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN +
NC
TLV2442
FK PACKAGE
(TOP VIEW)
NC – No internal connection
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VDD+
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
VDD–/GND
3IN+
3IN –
3OUT
(TOP VIEW)
TLV2444
D OR PW PACKAGE
TLV2442
U PACKAGE
(TOP VIEW)
TLV2442
D OR JG PACKAGE
(TOP VIEW)
TLV2442
PW PACKAGE
(TOP VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com