Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2444CPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444CPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV2444CPWR Datasheet HTML 8Page - Texas Instruments TLV2444CPWR Datasheet HTML 9Page - Texas Instruments TLV2444CPWR Datasheet HTML 10Page - Texas Instruments TLV2444CPWR Datasheet HTML 11Page - Texas Instruments TLV2444CPWR Datasheet HTML 12Page - Texas Instruments TLV2444CPWR Datasheet HTML 13Page - Texas Instruments TLV2444CPWR Datasheet HTML 14Page - Texas Instruments TLV2444CPWR Datasheet HTML 15Page - Texas Instruments TLV2444CPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 10
HIGH-LEVEL OUTPUT VOLTAGE
vs
HIGH-LEVEL OUTPUT CURRENT
3
2.5
2
1.5
1
0.5
0
0
5
10
15
20
25
IOH – High-Level Output Current – mA
VDD = 5 V
TA = 85°C
TA = 125°C
5
4.5
4
3.5
TA = – 40°C
TA = 25°C
Figure 11
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
3
2.5
2
1.5
1
0.5
0
0
246
8
10
IOL – Low-Level Output Current – mA
VDD = 3 V
TA = 25°C
TA = 125°C
TA = 85°C
TA = – 40°C
Figure 12
LOW-LEVEL OUTPUT VOLTAGE
vs
LOW-LEVEL OUTPUT CURRENT
2.5
2
1.5
1
0.5
0
02
4
6
8
10
IOL – Low-Level Output Current – mA
VDD = 5 V
TA = 25°C
TA = 125°C
TA = 85°C
TA = – 40°C
Figure 13
MAXIMUM PEAK-TO-PEAK OUTPUT VOLTAGE
vs
FREQUENCY
5
4
3
2
1
0
100
1 k
10 k
100 k
1 M
10 M
f – Frequency – Hz
RL = 600 Ω
VDD = 3 V
VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com