Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2444CPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444CPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLV2444CPWR Datasheet HTML 2Page - Texas Instruments TLV2444CPWR Datasheet HTML 3Page - Texas Instruments TLV2444CPWR Datasheet HTML 4Page - Texas Instruments TLV2444CPWR Datasheet HTML 5Page - Texas Instruments TLV2444CPWR Datasheet HTML 6Page - Texas Instruments TLV2444CPWR Datasheet HTML 7Page - Texas Instruments TLV2444CPWR Datasheet HTML 8Page - Texas Instruments TLV2444CPWR Datasheet HTML 9Page - Texas Instruments TLV2444CPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
TLV2442
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
0 t 2 25 V
25
°C
65
75
CMRR
Common-mode rejection ratio
VIC = 0 to 2.25 V,
VO =1 5V
Full range
55
dB
CMRR
Common-mode rejection ratio
VO = 1.5 V,
RS = 50 Ω
TLV2442Q/AQ
TLV2442M/AM
Full range
50
dB
kSVR
Supply-voltage rejection ratio
VDD = 2.7 V to 8 V,
VIC = VDD/2,
25
°C
80
95
dB
kSVR
yg
j
(
∆VDD±/∆VIO)
DD
,
IC
DD ,
No load
Full range
80
dB
IDD
Supply current (per channel)
VO = 1.5 V,
25
°C
725
1100
µA
IDD
Supply current (per channel)
O
No load
Full range
1100
µA
† Full range for the C suffix is 0
°C to 70°C. Full range for the dual I suffix is – 40°C to 85°C. Full range for the quad I suffix is – 40°C to 125°C. Full
range for the Q suffix is – 40
°C to 125°C. Full range for the M suffix is – 55°C to 125°C.
operating characteristics at specified free-air temperature, VDD = 3 V
PARAMETER
TEST CONDITIONS
TA†
TLV244x
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
25
°C
0.65
1.3
SR
Slew rate at unity gain
VO = 1 V to 2 V,
RL = 600 Ω,
Full
range
0.65
V/
µs
CL = 100 pF
TLV2442Q/AQ
TLV2442M/AM
Full
range
0.4
V
Equivalent input noise voltage
f = 10 Hz
25
°C
170
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
18
nV/
√Hz
VN(PP)
Peak to peak equivalent input noise voltage
f = 0.1 Hz to 1 Hz
25
°C
2.6
µV
VN(PP)
Peak-to-peak equivalent input noise voltage
f = 0.1 Hz to 10 Hz
25
°C
5.1
µV
In
Equivalent input noise current
25
°C
0.6
fA/
√Hz
VO = 0.5 V to 2.5 V,
AV = 1
0.08%
THD + N
Total harmonic distortion plus noise
VO = 0.5 V to 2.5 V,
RL = 600 Ω,
AV = 10
25
°C
0.3%
f = 1 kHz
AV = 100
2%
Gain bandwidth product
f =10 kHz,
RL = 600 Ω,
25
°C
175
MHz
Gain-bandwidth product
,
CL = 100 pF
L
,
25
°C
1.75
MHz
BOM
Maximum output swing bandwidth
VO(PP) = 1 V,
RL = 600 Ω,
25
°C
09
MHz
BOM
Maximum output-swing bandwidth
O(PP)
,
AV = 1,
L
,
CL = 100 pF
25
°C
0.9
MHz
AV = – 1,
To 0 1%
15
t
Settling time
AV = 1,
Step = – 2.3 V to 2.3 V,
To 0.1%
25
°C
1.5
µs
ts
Settling time
,
RL = 600 Ω,
To 0 01%
25
°C
32
µs
L
CL = 100 pF
To 0.01%
3.2
φm
Phase margin at unity gain
RL = 600 Ω
CL = 100 pF
25
°C
65
°
Gain margin
RL = 600 Ω,
CL = 100 pF
25
°C
9
dB
† Full range for the C suffix is 0
°C to 70°C. Full range for the dual I suffix is – 40°C to 85°C. Full range for the quad I suffix is – 40°C to 125°C. Full
range for the Q suffix is – 40
°C to 125°C. Full range for the M suffix is – 55°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com