Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2444CPWR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2444CPWR Datasheet HTML 4Page - Texas Instruments TLV2444CPWR Datasheet HTML 5Page - Texas Instruments TLV2444CPWR Datasheet HTML 6Page - Texas Instruments TLV2444CPWR Datasheet HTML 7Page - Texas Instruments TLV2444CPWR Datasheet HTML 8Page - Texas Instruments TLV2444CPWR Datasheet HTML 9Page - Texas Instruments TLV2444CPWR Datasheet HTML 10Page - Texas Instruments TLV2444CPWR Datasheet HTML 11Page - Texas Instruments TLV2444CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 5 V (unless otherwise noted)
(continued)
PARAMETER
TEST CONDITIONS
TA†
TLV244x
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 4.4 V to 8 V,
25
°C
80
95
dB
kSVR
Supply-voltage rejection ratio (
∆VDD/∆VIO)
DD
,
VIC = VDD /2,
No load
Full range
80
dB
IDD
Supply current (per channel)
VO =2 5V
No load
25
°C
750
1100
µA
IDD
Supply current (per channel)
VO = 2.5 V,
No load
Full range
1100
µA
† Full range for the C suffix is 0
°C to 70°C. Full range for the dual I suffix is – 40°C to 85°C. Full range for the quad I suffix is – 40°C to 125°C. Full
range for the Q suffix is – 40
°C to 125°C. Full range for the M suffix is – 55°C to 125°C.
operating characteristics at specified free-air temperature, VDD = 5 V
PARAMETER
TEST CONDITIONS
TA†
TLV244x
UNIT
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
0 5Vt 2 5 V
25
°C
0.75
1.4
SR
Slew rate at unity gain
VO = 0.5 V to 2.5 V,
RL = 600 Ω‡
Full range
0.75
V/
µs
SR
Slew rate at unity gain
RL = 600 Ω‡,
CL = 100 pF‡
TLV2442Q/AQ
TLV2442M/AM
Full range
0.5
V/
µs
V
Equivalent input noise voltage
f = 10 Hz
25
°C
130
nV/
√Hz
Vn
Equivalent input noise voltage
f = 1 kHz
25
°C
16
nV/
√Hz
VN(PP)
Peak-to-peak equivalent input noise
f = 0.1 Hz to 1 Hz
25
°C
1.8
µV
VN(PP)
q
voltage
f = 0.1 Hz to 10 Hz
25
°C
3.6
µV
In
Equivalent input noise current
25
°C
0.6
fA/
√Hz
VO = 1.5 V to 3.5 V,
AV = 1
0.017%
THD + N
Total harmonic distortion plus noise
VO 1.5 V to 3.5 V,
f = 1 kHz,
‡
AV = 10
25
°C
0.17%
RL = 600 Ω‡
AV = 100
1.5%
Gain-bandwidth product
f =10 kHz,
CL = 100 pF‡
RL = 600 Ω‡,
25
°C
1.81
MHz
BOM
Maximum output-swing bandwidth
VO(PP) = 2 V,
RL = 600 Ω‡,
AV = 1,
CL = 100 pF‡
25
°C
0.5
MHz
t
Settling time
AV = – 1,
Step = 0.5 V to 2.5 V,
To 0.1%
25
°C
1.5
µs
ts
Settling time
,
RL = 600 Ω‡,
CL = 100 pF‡
To 0.01%
25
°C
2.6
µs
φm
Phase margin at unity gain
RL = 600 Ω‡
CL = 100 pF‡
25
°C
68
°
Gain margin
RL = 600 Ω‡,
CL = 100 pF‡
25
°C
8
dB
† Full range for the C suffix is 0
°C to 70°C. Full range for the dual I suffix is – 40°C to 85°C. Full range for the quad I suffix is – 40°C to 125°C. Full
range for the Q suffix is – 40
°C to 125°C. Full range for the M suffix is – 55°C to 125°C.
‡ Referenced to 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com