Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV2444CPWR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2444CPWR
Description  Advanced LinCMOS RAIL-TO-RAIL OUTPUT WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV2444CPWR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV2444CPWR Datasheet HTML 6Page - Texas Instruments TLV2444CPWR Datasheet HTML 7Page - Texas Instruments TLV2444CPWR Datasheet HTML 8Page - Texas Instruments TLV2444CPWR Datasheet HTML 9Page - Texas Instruments TLV2444CPWR Datasheet HTML 10Page - Texas Instruments TLV2444CPWR Datasheet HTML 11Page - Texas Instruments TLV2444CPWR Datasheet HTML 12Page - Texas Instruments TLV2444CPWR Datasheet HTML 13Page - Texas Instruments TLV2444CPWR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
TLV2442, TLV2442A, TLV2444, TLV2444A
Advanced LinCMOS
 RAIL-TO-RAIL OUTPUT
WIDE-INPUT-VOLTAGE OPERATIONAL AMPLIFIERS
SLOS169H – NOVEMBER 1996 – REVISED MARCH 2001
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 2
VIO – Input Offset Voltage – µV
DISTRIBUTION OF TLV2442
INPUT OFFSET VOLTAGE
16
14
12
10
8
6
4
2
0
20
18
868 Amplifiers From
1 Wafer Lot
VDD = ± 1.5 V
TA = 25°C
Figure 3
VIO – Input Offset Voltage – µV
DISTRIBUTION OF TLV2442
INPUT OFFSET VOLTAGE
16
14
12
10
8
6
4
2
0
20
18
868 Amplifiers From
1 Wafer Lot
VDD = ± 2.5 V
TA = 25°C
Figure 4
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–0.5
0
0.5
1
1.5
2
2.5
3
VIC – Common-Mode Input Voltage – V
VDD = 3 V
TA = 25°C
Figure 5
INPUT OFFSET VOLTAGE
vs
COMMON-MODE INPUT VOLTAGE
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
–0.5
0
0.5
1
1.5
2
2.5
3
VIC – Common-Mode Input Voltage – V
VDD = 5 V
TA = 25°C
3.5
4
4.5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com