Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC902FD Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P89LPC902FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC902FD Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P89LPC902FD Datasheet HTML 4Page - NXP Semiconductors P89LPC902FD Datasheet HTML 5Page - NXP Semiconductors P89LPC902FD Datasheet HTML 6Page - NXP Semiconductors P89LPC902FD Datasheet HTML 7Page - NXP Semiconductors P89LPC902FD Datasheet HTML 8Page - NXP Semiconductors P89LPC902FD Datasheet HTML 9Page - NXP Semiconductors P89LPC902FD Datasheet HTML 10Page - NXP Semiconductors P89LPC902FD Datasheet HTML 11Page - NXP Semiconductors P89LPC902FD Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
8 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
5.2 Pin description
Fig 8.
P89LPC903 pinning (SO8).
handbook, halfpage
002aaa440
1
2
3
4
8
7
6
5
VSS
P0.4/CIN1A/KBI4
P0.5/CMPREF/KBI5
P1.0/TxD
VDD
P0.2/CIN2A/KBI2
P1.1/RxD
RST/P1.5
Table 3:
P89LPC901 pin description
Symbol
Pin
Type
Description
P0.0 - P0.6
6, 7
I/O
Port 0: Port 0 is an I/O port with a user-configurable output type. During reset Port 0
latches are configured in the input only mode with the internal pull-up disabled. The
operation of Port 0 pins as inputs and outputs depends upon the port configuration
selected. Each port pin is configured independently. Refer to Section 8.12.1 “Port
configurations” and Table 13 “DC electrical characteristics” for details.
The Keypad Interrupt feature operates with Port 0 pins.
All pins have Schmitt triggered inputs.
Port 0 also provides various special functions as described below:
7
I/O
P0.4 — Port 0 bit 4.
I
CIN1A — Comparator 1 positive input.
I
KBI4 — Keyboard input 4.
6
I/O
P0.5 — Port 0 bit 5.
I
CMPREF — Comparator reference (negative) input.
I
KBI5 — Keyboard input 5.
P1.0 - P1.5
4, 5
Port 1: Port 1 is an I/O port with a user-configurable output type. During reset Port 1
latches are configured in the input only mode with the internal pull-up disabled. The
operation of the configurable Port 1 pins as inputs and outputs depends upon the
port configuration selected. Each of the configurable port pins are programmed
independently. Refer to Section 8.12.1 “Port configurations” and Table 13 “DC
electrical characteristics” for details. P1.5 is input only.
All pins have Schmitt triggered inputs.
Port 1 also provides various special functions as described below:
5
I/O
P1.2 — Port 1 bit 2.
O
T0 — Timer/counter 0 external count input or overflow output.
4I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during Power-on or if selected via UCFG1. When
functioning as a reset input a LOW on this pin resets the microcontroller, causing I/O
ports and peripherals to take on their default states, and the processor begins
execution at address 0. Also used during a power-on sequence to force In-System
Programming mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com