Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC902FD Datasheet(PDF) 27 Page - NXP Semiconductors

Part # P89LPC902FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC902FD Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button P89LPC902FD Datasheet HTML 23Page - NXP Semiconductors P89LPC902FD Datasheet HTML 24Page - NXP Semiconductors P89LPC902FD Datasheet HTML 25Page - NXP Semiconductors P89LPC902FD Datasheet HTML 26Page - NXP Semiconductors P89LPC902FD Datasheet HTML 27Page - NXP Semiconductors P89LPC902FD Datasheet HTML 28Page - NXP Semiconductors P89LPC902FD Datasheet HTML 29Page - NXP Semiconductors P89LPC902FD Datasheet HTML 30Page - NXP Semiconductors P89LPC902FD Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
27 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.6 CPU CLock (CCLK) wake-up delay
The P89LPC901/902/903 has an internal wake-up timer that delays the clock until it
stabilizes depending to the clock source used. If the clock source is any of the three
crystal selections (P89LPC901) the delay is 992 OSCCLK cycles plus 60 to 100
µs.
8.7 CPU CLOCK (CCLK) modification: DIVM register
The OSCCLK frequency can be divided down up to 510 times by configuring a
dividing register, DIVM, to generate CCLK. This feature makes it possible to
temporarily run the CPU at a lower rate, reducing power consumption. By dividing the
clock, the CPU can retain the ability to respond to events that would not exit Idle
mode by executing its normal program at a lower rate. This can also allow bypassing
the oscillator start-up time in cases where Power-down mode would otherwise be
used. The value of DIVM may be changed by the program at any time without
interrupting code execution.
8.8 Low power select
The P89LPC901 is designed to run at 12 MHz (CCLK) maximum. However, if CCLK
is 8 MHz or slower, the CLKLP SFR bit (AUXR1.7) can be set to ‘1’ to lower the power
consumption further. On any reset, CLKLP is ‘0’ allowing highest performance
access. This bit can then be set in software if CCLK is running at 8 MHz or slower.
8.9 Memory organization
The various P89LPC901/902/903 memory spaces are as follows:
• DATA
128 bytes of internal data memory space (00h:7Fh) accessed via direct or indirect
addressing, using instruction other than MOVX and MOVC. All or part of the Stack
may be in this area.
• SFR
Special Function Registers. Selected CPU registers and peripheral control and
status registers, accessible only via direct addressing.
• CODE
64 kB of Code memory space, accessed as part of program execution and via the
MOVC instruction. The P89LPC901/902/903 has 1 kB of on-chip Code memory.
8.10 Data RAM arrangement
The 128 bytes of on-chip RAM is organized as follows:
8.11 Interrupts
The P89LPC901/902/903 uses a four priority level interrupt structure. This allows
great flexibility in controlling the handling of the many interrupt sources.
Table 10:
On-chip data memory usages
Type
Data RAM
Size (Bytes)
DATA
Memory that can be addressed directly and indirectly 128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com