Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC902FD Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89LPC902FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC902FD Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89LPC902FD Datasheet HTML 30Page - NXP Semiconductors P89LPC902FD Datasheet HTML 31Page - NXP Semiconductors P89LPC902FD Datasheet HTML 32Page - NXP Semiconductors P89LPC902FD Datasheet HTML 33Page - NXP Semiconductors P89LPC902FD Datasheet HTML 34Page - NXP Semiconductors P89LPC902FD Datasheet HTML 35Page - NXP Semiconductors P89LPC902FD Datasheet HTML 36Page - NXP Semiconductors P89LPC902FD Datasheet HTML 37Page - NXP Semiconductors P89LPC902FD Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
34 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Reset can be triggered from the following sources:
• External reset pin (during power-up or if user configured via UCFG1)
• Power-on detect
• Brownout detect
• Watchdog Timer
• Software reset
• UART break character detect reset (P80LPC903).
For every reset source, there is a flag in the Reset Register, RSTSRC. The user can
read this register to determine the most recent reset source. These flag bits can be
cleared in software by writing a ‘0’ to the corresponding bit. More than one flag bit
may be set:
• During a power-on reset, both POF and BOF are set but the other flag bits are
cleared.
• For any other reset, previously set flag bits that have not been cleared will remain
set.
8.16 Timers/counters 0 and 1
The P89LPC901/902/903 has two general purpose timers which are similar to the
standard 80C51 Timer 0 and Timer 1. These timers have four operating modes
(modes 0, 1, 2, and 3). Modes 0, 1, and 2 are the same for both Timers. Mode 3 is
different.
8.16.1
Mode 0
Putting either Timer into Mode 0 makes it look like an 8048 Timer, which is an 8-bit
Counter with a divide-by-32 prescaler. In this mode, the Timer register is configured
as a 13-bit register. Mode 0 operation is the same for Timer 0 and Timer 1.
8.16.2
Mode 1
Mode 1 is the same as Mode 0, except that all 16 bits of the timer register are used.
8.16.3
Mode 2
Mode 2 configures the Timer register as an 8-bit Counter with automatic reload.
Mode 2 operation is the same for Timer 0 and Timer 1.
8.16.4
Mode 3
When Timer 1 is in Mode 3 it is stopped. Timer 0 in Mode 3 forms two separate 8-bit
counters and is provided for applications that require an extra 8-bit timer. When
Timer 1 is in Mode 3 it can still be used by the serial port as a baud rate generator.
8.16.5
Mode 6 (P89LPC901)
In this mode, the corresponding timer can be changed to a PWM with a full period of
256 timer clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com