Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC902FD Datasheet(PDF) 24 Page - NXP Semiconductors

Part # P89LPC902FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC902FD Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button P89LPC902FD Datasheet HTML 20Page - NXP Semiconductors P89LPC902FD Datasheet HTML 21Page - NXP Semiconductors P89LPC902FD Datasheet HTML 22Page - NXP Semiconductors P89LPC902FD Datasheet HTML 23Page - NXP Semiconductors P89LPC902FD Datasheet HTML 24Page - NXP Semiconductors P89LPC902FD Datasheet HTML 25Page - NXP Semiconductors P89LPC902FD Datasheet HTML 26Page - NXP Semiconductors P89LPC902FD Datasheet HTML 27Page - NXP Semiconductors P89LPC902FD Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
24 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.
Functional description
Remark: Please refer to the
P89LPC901/902/903 User’s Manual for a more detailed
functional description.
8.1 Enhanced CPU
The P89LPC901/902/903 uses an enhanced 80C51 CPU which runs at 6 times the
speed of standard 80C51 devices. A machine cycle consists of two CPU clock cycles,
and most instructions execute in one or two machine cycles.
8.2 Clocks
8.2.1
Clock definitions
The P89LPC901/902/903 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of the
clock sources (see Figures 12, 13, and 14) and can also be optionally divided to a
slower frequency (see Section 8.7 “CPU CLOCK (CCLK) modification: DIVM
register”).
Note: fOSC is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per
machine cycle, and most instructions are executed in one to two machine cycles (two
or four CCLK cycles).
RCCLK — The internal 7.373 MHz RC oscillator output.
PCLK — Clock for the various peripheral devices and is CCLK/2
8.2.2
CPU clock (OSCCLK)
The P89LPC901/902/903 provides several user-selectable oscillator options in
generating the CPU clock. This allows optimization for a range of needs from high
precision to lowest possible cost. These options are configured when the FLASH is
programmed and include an on-chip Watchdog oscillator and an on-chip RC
oscillator.
The P89LPC901, in addition, includes an option for an oscillator using an external
crystal or an external clock source. The crystal oscillator can be optimized for low,
medium, or high frequency crystals covering a range from 20 kHz to 12 MHz.
8.2.3
Low speed oscillator option (P89LPC901)
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
8.2.4
Medium speed oscillator option (P89LPC901)
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com