Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC902FD Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P89LPC902FD
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC902FD Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P89LPC902FD Datasheet HTML 34Page - NXP Semiconductors P89LPC902FD Datasheet HTML 35Page - NXP Semiconductors P89LPC902FD Datasheet HTML 36Page - NXP Semiconductors P89LPC902FD Datasheet HTML 37Page - NXP Semiconductors P89LPC902FD Datasheet HTML 38Page - NXP Semiconductors P89LPC902FD Datasheet HTML 39Page - NXP Semiconductors P89LPC902FD Datasheet HTML 40Page - NXP Semiconductors P89LPC902FD Datasheet HTML 41Page - NXP Semiconductors P89LPC902FD Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
Philips Semiconductors
P89LPC901/902/903
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 04 — 21 November 2003
38 of 55
9397 750 12293
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
8.20 Internal reference voltage
An internal reference voltage generator may supply a default reference when a single
comparator input pin is used. The value of the internal reference voltage, referred to
as VREF, is 1.23 V ±10%.
8.21 Comparator interrupt
Each comparator has an interrupt flag contained in its configuration register. This flag
is set whenever the comparator output changes state. The flag may be polled by
software or may be used to generate an interrupt.
8.22 Comparator and power reduction modes
The comparators may remain enabled when Power-down or Idle mode is activated,
but the comparators are disabled automatically in Total Power-down mode.
If the comparator interrupt is enabled (except in Total Power-down mode), a change
of the comparator output state will generate an interrupt and wake up the processor. If
the comparator output to a pin is enabled, the pin should be configured in the
push-pull mode in order to obtain fast switching times while in Power-down mode.
The reason is that with the oscillator stopped, the temporary strong pull-up that
normally occurs during switching on a quasi-bidirectional port pin does not take
place.
The comparator consumes power in Power-down and Idle modes, as well as in the
normal operating mode. This fact should be taken into account when system power
consumption is an issue. To minimize power consumption, the user can disable the
comparator via PCONA.5 or put the device in Total Power-down mode.
Fig 19. Comparator input and output connections.
Comparator 1
CN1
(P0.4) CIN1A
(P0.5) CMPREF
VREF
OE1
Change Detect
CO1
CMF1
Interrupt
002aaa453
CMP1 (P0.6)
EC
Change Detect
CMF2
Comparator 2
OE2
CO2
CMP2 (P0.0)
CN2
(P0.2) CIN2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com