Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68310 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY7C68310 Datasheet HTML 1Page - Cypress Semiconductor CY7C68310 Datasheet HTML 2Page - Cypress Semiconductor CY7C68310 Datasheet HTML 3Page - Cypress Semiconductor CY7C68310 Datasheet HTML 4Page - Cypress Semiconductor CY7C68310 Datasheet HTML 5Page - Cypress Semiconductor CY7C68310 Datasheet HTML 6Page - Cypress Semiconductor CY7C68310 Datasheet HTML 7Page - Cypress Semiconductor CY7C68310 Datasheet HTML 8Page - Cypress Semiconductor CY7C68310 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
CY7C68310
Document 38-08030 Rev. *H
Page 4 of 34
63
nDIOR
O
3.3V drive,
5V-tolerant,
6 mA IOL
ATA control signal.
64
IORDY
I
5V-tolerant
Schmitt input
ATA control signal.
65
ATAPUEN
O
3.3V drive,
5V-tolerant,
6 mA IOL
ATA IORDY pull-up connection. For VBUS-powered systems.
66
nDMACK
O
3.3V drive,
5V-tolerant,
6 mA IOL
ATA control signal.
67
ATAIRQ
I
5V-tolerant
Schmitt input
ATA interrupt request.
70, 68, 71
DA[0:2]
O
3.3V drive,
5V-tolerant,
6 mA IOL
ATA address signals.
72, 73
nCS[0:1]
O
3.3V drive,
5V-tolerant,
6 mA IOL
ATA chip select signals.
74
nPWR500
O
high-Z driver,
5V-tolerant,
6 mA IOL
Active LOW. VBUS power granted indicator.
‘0’ = VBUS power up to bMaxPower value
‘high-Z’ = bMaxPower value not granted (if more than 100 mA)
75
SCL
O
high-Z driver,
5V-tolerant,
6 mA IOL
I2C-compatible clock. This pin may be left as a no-connect pin if
the I2C-compatible interface is not utilized.
76
SDA_nlMODE
I/O
high-Z driver,
5V-tolerant,
6 mA IOL,
Schmitt input
I2C-compatible address/data or nIMODE select.
77
DISKRDY
I
5V-tolerant
Schmitt input
Configurable polarity. Device ready.
78
VBUSPWRD
I
5V-tolerant
Schmitt input
Active HIGH. Bus-powered operation select pin.
‘1’ = Bus powered
‘0’ = Self powered
79
VBUSPWRVLD
I
5V-tolerant
Schmitt input
Active HIGH. Indicates that VBUS power is present.
1, 4, 10,
21, 47, 60
VSS
Power
Digital ground.
3, 17, 40,
59, 80
VDD25
Power
2.5V digital supply.
7, 24, 50,
61, 69
VDD33
Power
3.3V digital supply.
11
PVDD25
Power
Analog 2.5V supply (PLL).
12,14,16
AVSS
Power
Analog ground.
13
RREF
Power
PLL voltage reference. Current source for 2.4k (1%) resistor
connected to AVSS.
15
AVDD25
Power
Analog 2.5V supply.
4.2
Pin Overview (continued)
Pin
Number
Pin Name
Pin
Direction
Pin Type
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com