Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68310 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C68310 Datasheet HTML 1Page - Cypress Semiconductor CY7C68310 Datasheet HTML 2Page - Cypress Semiconductor CY7C68310 Datasheet HTML 3Page - Cypress Semiconductor CY7C68310 Datasheet HTML 4Page - Cypress Semiconductor CY7C68310 Datasheet HTML 5Page - Cypress Semiconductor CY7C68310 Datasheet HTML 6Page - Cypress Semiconductor CY7C68310 Datasheet HTML 7Page - Cypress Semiconductor CY7C68310 Datasheet HTML 8Page - Cypress Semiconductor CY7C68310 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
ISD-300LP™ Low-Power USB 2.0 to ATA/ATAPI Bridge IC
CY7C68310
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document 38-08030 Rev. *H
Revised June 28, 2004
1.0
Features
• Fixed-function mass storage device–requires no firmware
code
• USB Mass Storage Class Bulk-Only specification-compliant
(version 1.0)
• USB 2.0-certified (TID# 40001426)
•
Integrated USB transceiver
•
High-speed (480-Mbit) and full-speed (12-Mbit) support
•
USB Suspend/Resume, Remote Wakeup support
• Two power modes of operation–self-powered and USB bus-
powered
•
Low power consumption allows for bus-powered opera-
tion
•
VBUS-powered CF support
•
True USB portable HDD support
• Compact 80-pin TQFP package with a Lead-Free option
• ATA/ATAPI-6 specification-compliant–provides support for
mass storage devices larger than 137GB
• 5V tolerant inputs, 3.3V output drive
• Flexible USB descriptor and configuration retrieval sources
•
I2C-compatible serial ROM interface
•
ATA interface using vendor-specific ATA command (FBh)
implemented on ATAPI or ATA device
•
Default on-chip ROM contents for manufacturing/devel-
opment
• 2-Kbyte SRAM data buffer for ATA/ATAPI data transfers
• ATA interface supports ATA PIO modes 0–4, UDMA modes
0–4 (multiword DMA not supported). ATA interface
operation mode is automatically selected during device
initialization or manually programmed with I2C-compatible
configuration data
• Automatic detection of either Master or Slave ATA/ATAPI
devices
• Mode Page 5 Support–increased support for formatting
removable media devices
• ATA Interrupt support for ATAPI devices–offers more robust
ATA support across OS platforms
• System event notification via Vendor-specific ATA
command
•
Input pin for media cartridge detection or ejection request
•
USB bus state indications (Reset, FS/HS mode of oper-
ation, Suspend/Resume, Bus/Self-powered)
• Three General Purpose I/O (GPIO) pins
• Multiple LUNs supported within a single ATAPI device
• ATA translation provides seamless ATA support with
standard MSC drivers
• Additional ATA command support provided by vendor-
specific ATACBs (ATA command blocks utilizing the MSC
Command Block Wrapper)
• Provisions to share ATA bus with other hosts (e.g.
USB/1394 dual device)
• Manufacturing interconnect test support provided with
vendor-specific USB commands:
•
Read/Write access to relevant ASIC pins
•
Manufacturing Interconnect Test Tools
• Utilizes inexpensive 30-Mhz crystal for clock source.
1.1
Functional Block Diagram
CY7C68310
Control Logic
ATA Interface Logic
ROM
64 Byte
RAM
2kByte FIFO
USB HS/FS
Control Logic
EEPROM
Interface
Control
USB
2.0
Xcvr
GPIO Pins (3)
nEJECT
ATAEN
OSC
nRESET
SYSIRQ
DISKRDY
nPWR500
LOWPWR
DRVPWRVLD
VBUSPWRD
VBUSPWRVLD
SCL
SDA
VBUS
D-
D+
Figure 1-1. Block Diagram


Similar Part No. - CY7C68310

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C68310 CYPRESS-CY7C68310 Datasheet
662Kb / 34P
ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
CY7C68310-80AC CYPRESS-CY7C68310-80AC Datasheet
662Kb / 34P
ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
CY7C68310-80AXC CYPRESS-CY7C68310-80AXC Datasheet
662Kb / 34P
ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
CY7C68310 CYPRESS-CY7C68310_05 Datasheet
662Kb / 34P
ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
More results

Similar Description - CY7C68310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GL811USB ETC-GL811USB Datasheet
291Kb / 36P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811E ETC-GL811E Datasheet
1Mb / 35P
USB 2.0 to ATA / ATAPI Bridge Controller
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A Datasheet
157Kb / 26P
EZ-USB AT2 USB 2.0 to ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250 TI-TUSB6250 Datasheet
1Mb / 124P
USB 2.0 TO ATA/ATAPI BRIDGE CONTROLLER
logo
GENESYS LOGIC
GL811E GENESYS-GL811E Datasheet
750Kb / 33P
USB 2.0 to ATA / ATAPI Bridge Controller
GL811S GENESYS-GL811S Datasheet
935Kb / 5P
USB 2.0 to ATA/ATAPI Bridge Controller
logo
Cypress Semiconductor
CY7C68300A CYPRESS-CY7C68300A_05 Datasheet
488Kb / 21P
EZ-USB AT2??USB 2.0 To ATA/ATAPI Bridge
CY7C68310 CYPRESS-CY7C68310_05 Datasheet
662Kb / 34P
ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
CY7C68300C CYPRESS-CY7C68300C_09 Datasheet
823Kb / 41P
EZ-USB AT2LP??USB 2.0 to ATA/ATAPI Bridge
logo
Texas Instruments
TUSB6250PFC TI1-TUSB6250PFC Datasheet
478Kb / 125P
USB 2.0 To ATA/ATAPI Bridge Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com