Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68310 Datasheet(PDF) 30 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 30 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 26Page - Cypress Semiconductor CY7C68310 Datasheet HTML 27Page - Cypress Semiconductor CY7C68310 Datasheet HTML 28Page - Cypress Semiconductor CY7C68310 Datasheet HTML 29Page - Cypress Semiconductor CY7C68310 Datasheet HTML 30Page - Cypress Semiconductor CY7C68310 Datasheet HTML 31Page - Cypress Semiconductor CY7C68310 Datasheet HTML 32Page - Cypress Semiconductor CY7C68310 Datasheet HTML 33Page - Cypress Semiconductor CY7C68310 Datasheet HTML 34Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
CY7C68310
Document 38-08030 Rev. *H
Page 30 of 34
10.0
Absolute Maximum Ratings
Storage Temperature ................................................................................................................................................ –65 to 150°C
Ambient Temperature with power supplied ..................................................................................................................... 0 to 70°C
Supply Voltage to Ground Potential ........................................................................................................................... –0.5 to 5.5 V
DC Input Voltage to Any Input Pin ............................................................................................................................. –0.5 to 5.5 V
DC Voltage Applied to Outputs in high-Z ................................................................................................................... –0.5 to 5.5 V
Power Dissipation ............................................................................................................................................................. 235 mW
Static Discharge Voltage (Meets NEC ASIC ESD specifications IEC-GQ-6002-01 and IEC-6005-01) ...........................> 2000 V
Max Output Current per I/O port .......................................................................................................................................... 20 mA
Latch-up Current .............................................................................................................................................................> 200 mA
Table 9-4. Bit-wise Mapping of READ_MFG_Data Test Data
Byte
Bit(s)
Pin Name
00DRVPWRVLD
0
1
VBUSPWRVLD
0
2
VBUSPWRD
03DISKRDY
0
4
SYSIRQ
0
5
IORDY
06DMARQ
0
7
nEJECT
10ATAIRQ
1
1
Will always return ‘1’
12LOWPWR
1
3
Reserved – Disregard value
14nPWR500
1
5
nATARST
16nDIOW
17nDIOR
20nDMACK
2
1
ATAPUEN
2
2
Reserved – Disregard value
2
4:3
nCS[1:0]
2
7:5
DA[2:0]
3
7:0
DD[7:0]
4
7:0
DD[15:8]
5
2:0
GPIO[2:0]
5
3
Will always return ‘0’
54DD_EN
5
7:5
GPIO_EN[2:0]
6
0
MFG_SEL (manufacturing test mode enable)
61ATAEN
6
2:7
Will always return ‘1’
7
7:0
Will always return ‘1’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com