Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68310 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY7C68310 Datasheet HTML 1Page - Cypress Semiconductor CY7C68310 Datasheet HTML 2Page - Cypress Semiconductor CY7C68310 Datasheet HTML 3Page - Cypress Semiconductor CY7C68310 Datasheet HTML 4Page - Cypress Semiconductor CY7C68310 Datasheet HTML 5Page - Cypress Semiconductor CY7C68310 Datasheet HTML 6Page - Cypress Semiconductor CY7C68310 Datasheet HTML 7Page - Cypress Semiconductor CY7C68310 Datasheet HTML 8Page - Cypress Semiconductor CY7C68310 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CY7C68310
Document 38-08030 Rev. *H
Page 3 of 34
4.2
Pin Overview
Pin
Number
Pin Name
Pin
Direction
Pin Type
Pin Description
2
RPU
O
USB Output
D+ pull-up source. Power source for 1.5k pull-up resistor attached
to D+ during full-speed operation.
5
RSDP
O
USB I/O
USB full-speed output buffer (D+). RSDP also functions as a
current sink for termination during high-speed operation.
6
DP
I/O
USB I/O
USB high-speed I/O buffer (D+).
8
DM
I/O
USB I/O
USB high-speed I/O buffer (D-).
9
RSDM
O
USB I/O
USB full-speed output buffer (D-). RSDM also functions as a
current sink for termination during high-speed operation.
18–20, 25
TEST[0:3]
I
5V-tolerant input
buffer
Active HIGH. ASIC fabrication and manufacturing test mode select.
These pins must be tied to GND during normal operation.
22
XI
I
OSC input
(2.5V-tolerant)
30-MHz crystal input.
23
XO
O
OSC output
30-MHz crystal output.
26
nEJECT
I
5V-tolerant
Schmitt input
Active LOW. Media eject or remote wakeup requested. Tie to +3.3V
if functionality is not used.
27
SYSIRQ
I
5V-tolerant
Schmitt input
Active HIGH. USB interrupt request. Tie to GND if functionality is not
used.
28
DRVPWRVLD
I
5V-tolerant
Schmitt input
Configurable polarity. Device Presence Detect. This pin must not
be allowed to float if functionality is not utilized.
29
ATAEN
I
5V-tolerant
Schmitt input
Active HIGH. ATA interface enable.
‘1’ = normal ATA operation
‘0’ = High-Z ATA interface pins and ATA interface logic halted
30–32
GPIO[0:1],
GPIO2_nHS
I/O
3.3V drive,
5V-tolerant,
6-mA IOL,
Schmitt input
General purpose I/O pins. The GPIO pins must be tied to GND if
functionality is not utilized. If the hs_indicator config bit is set, the
GPIO2_nHS pin will reflect the operating speed of the device.
‘1’ = full-speed operation
‘0’ = high-speed operation
33
SCANEN
I
5V tolerant
input buffer
Active HIGH. ASIC test pin. This pin must be tied to GND during
normal operation.
34
LOWPWR
O
high-Z driver,
5V-tolerant,
6-mA IOL
Active HIGH. USB suspend indicator.
‘0’ = Chip active. VBUS power up to 100 mA granted.
‘High-Z’ = Chip suspend. VBUS system current limited to USB
suspend mode value.
35
nRESET
I
5V-tolerant
Schmitt input
Active LOW. Asynchronous chip reset.
36
nATARST
O
3.3V drive,
5V-tolerant,
6-mA IOL
Active LOW. ATA reset signal.
37, 38
TMC[1:2]
I
3.3V input
Active HIGH. ASIC test pins. These pins must be tied to GND during
normal operation.
56, 54, 52,
49,46, 44,
42, 39, 41,
43, 45, 48,
51, 53, 55,
57
DD[0:15]
I/O
3.3V drive,
5V-tolerant,
6-mA IOL,
Schmitt input
ATA data signals.
58
DMARQ
I
5V tolerant
Schmitt input
ATA control signal.
62
nDIOW
O
3.3V drive,
5V-tolerant,
6-mA IOL
ATA control signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com