Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C68310 Datasheet(PDF) 16 Page - Cypress Semiconductor

Part # CY7C68310
Description  ISD-300LP??Low-Power USB 2.0 to ATA/ATAPI Bridge IC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C68310 Datasheet(HTML) 16 Page - Cypress Semiconductor

Back Button CY7C68310 Datasheet HTML 12Page - Cypress Semiconductor CY7C68310 Datasheet HTML 13Page - Cypress Semiconductor CY7C68310 Datasheet HTML 14Page - Cypress Semiconductor CY7C68310 Datasheet HTML 15Page - Cypress Semiconductor CY7C68310 Datasheet HTML 16Page - Cypress Semiconductor CY7C68310 Datasheet HTML 17Page - Cypress Semiconductor CY7C68310 Datasheet HTML 18Page - Cypress Semiconductor CY7C68310 Datasheet HTML 19Page - Cypress Semiconductor CY7C68310 Datasheet HTML 20Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
CY7C68310
Document 38-08030 Rev. *H
Page 16 of 34
Reserved
Bits (6:1) – must be set to ‘0’.
SRST Enable
Bit (0)
Soft-reset during drive initialization.
‘0’ = Disable soft-reset functionality
‘1’ = Enable soft-reset during drive initialization
0x0A
ATA Data Assert
Bits (7:4)
0x20
ATA cycle times are calculated using Data Assert and Data
Recover values.
Standard values for ATA-compliant devices and a 30.0-MHz
system clock (in binary):
mode 0
0101
(5+1)*33.33 = 200 ns
mode 1
0011
(3+1)*33.33 = 133 ns
mode 2
0011
(3+1)*33.33 = 133 ns
mode 3
0010
(2+1)*33.33 = 100 ns
mode 4
0010
(2+1)*33.33 = 100 ns
ATA Data Recover
Bits (3:0)
Standard recover values and cycle times for ATA-compliant
devices and a 30.0 MHz system clock (in binary):
mode 0
1100
(4+1)+(12+1)*33.33 = 600 ns
mode 1
0111
(3+1)+(7+1)*33.33 = 400 ns
mode 2
0011
(2+1)+(3+1)*33.33 = 233 ns
mode 3
0010
(2+1)+(2+1)*33.33 = 200 ns
mode 4
0000
(2+1)+(0+1)*33.33 = 133 ns
0x0B
ATA Data Set-up
Bits (7:5)
0x00
Set-up time is only incurred on the first data cycle of a burst.
Standard values for ATA-compliant devices and a 30.0 MHz
system clock are (in binary):
mode 0
010
(2+1)*33.33 = 133 ns
mode 1
001
(1+1)*33.33 = 66 ns
mode 2
001
(1+1)*33.33 = 66 ns
mode 3
001
(1+1)*33.33 = 66 ns
mode 4
000
(0+1)*33.33 = 33 ns
Drive Power Valid Polarity
Bit (4)
Controls the polarity of DRVPWRVLD pin.
‘0’ = Active LOW (“connector ground” indication)
‘1’ = Active HIGH (power indication from device)
Override PIO Timing
Bit (3)
This field is used in conjunction with ATA Data Set-up, ATA
Data Assertion, ATA Data Recover, and PIO Mode Selection
fields.
‘0’ = Use timing information acquired from the Drive
‘1’ = Override device timing information with configuration
values
Drive Power Valid Enable
Bit (2)
Table 6-2. EEPROM Organization (continued)
I2C
Address
Field Name
Field Description
Required
I2C Data
Example
I2C Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com