Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608THQ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TDA3608THQ
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608THQ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TDA3608THQ Datasheet HTML 3Page - NXP Semiconductors TDA3608THQ Datasheet HTML 4Page - NXP Semiconductors TDA3608THQ Datasheet HTML 5Page - NXP Semiconductors TDA3608THQ Datasheet HTML 6Page - NXP Semiconductors TDA3608THQ Datasheet HTML 7Page - NXP Semiconductors TDA3608THQ Datasheet HTML 8Page - NXP Semiconductors TDA3608THQ Datasheet HTML 9Page - NXP Semiconductors TDA3608THQ Datasheet HTML 10Page - NXP Semiconductors TDA3608THQ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
2003 Nov 28
7
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
handbook, full pagewidth
VP
enable
regulator 1
regulator 1
hold output
regulator 3
enable
regulator 3
18.0 V
9.5 V
4.5 V
4.0 V
≥2.2 V
8.5 V
0 V
load dump
5.0 V
0 V
≤2.0 V
≥2.2 V
≤2.0 V
MGT568
Fig.4 Timing diagram of regulator 1, regulator 3 and hold output.
handbook, full pagewidth
VP
backup
regulator 2
reset
delay
capacitor
reset
output
td(res)
6.5 V
5.4 V
5.0 V
1.9 V
0 V
5.0 V
18.0 V
4.0 V
0 V
3.0 V
5.0 V
load dump
MGT567
Fig.5 Timing diagram of backup, regulator 2 and reset output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com