Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608THQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA3608THQ
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608THQ Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA3608THQ Datasheet HTML 1Page - NXP Semiconductors TDA3608THQ Datasheet HTML 2Page - NXP Semiconductors TDA3608THQ Datasheet HTML 3Page - NXP Semiconductors TDA3608THQ Datasheet HTML 4Page - NXP Semiconductors TDA3608THQ Datasheet HTML 5Page - NXP Semiconductors TDA3608THQ Datasheet HTML 6Page - NXP Semiconductors TDA3608THQ Datasheet HTML 7Page - NXP Semiconductors TDA3608THQ Datasheet HTML 8Page - NXP Semiconductors TDA3608THQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2003 Nov 28
3
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
9.5
14.4
18
V
regulator 2 on
2.4
14.4
18
V
reverse polarity; non-operating
−−−18
V
jump start for t
≤ 10 minutes
−−
30
V
load dump protection for
t
≤ 50 ms and t
r ≥ 2.5 ms
−−
50
V
Iq
quiescent supply current
standby mode; VP = 12.4 V
−
500
600
µA
Tj
junction temperature
−40
−
+150
°C
Voltage regulators
VREG1
output voltage of regulator 1
1 mA
≤ IREG1 ≤ 600 mA
8.15
8.5
8.85
V
VREG2
output voltage of regulator 2
0.5 mA
≤ IREG2 ≤ 150 mA
4.75
5.0
5.25
V
VREG3
output voltage of regulator 3
1 mA
≤ IREG3 ≤ 400 mA
4.75
5.0
5.25
V
Power switch
Vdrop
dropout voltage
ISW =1A
−
0.45
0.7
V
ISW = 1.8 A
−
1.0
1.8
V
IM
peak current
2
−−
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com