Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608THQ Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TDA3608THQ
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608THQ Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TDA3608THQ Datasheet HTML 6Page - NXP Semiconductors TDA3608THQ Datasheet HTML 7Page - NXP Semiconductors TDA3608THQ Datasheet HTML 8Page - NXP Semiconductors TDA3608THQ Datasheet HTML 9Page - NXP Semiconductors TDA3608THQ Datasheet HTML 10Page - NXP Semiconductors TDA3608THQ Datasheet HTML 11Page - NXP Semiconductors TDA3608THQ Datasheet HTML 12Page - NXP Semiconductors TDA3608THQ Datasheet HTML 13Page - NXP Semiconductors TDA3608THQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
2003 Nov 28
10
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
Vthf
falling threshold
voltage
1.7
1.9
2.2
V
Vhys
hysteresis voltage
−
4.6
−
V
Schmitt trigger voltage for enable input (regulator 1, regulator 3 and power switch)
Vthr
rising threshold
voltage
1.7
2.2
2.7
V
Vthf
falling threshold
voltage
1.5
2.0
2.5
V
Vhys
hysteresis voltage
IREG =ISW = 1 mA
0.1
0.2
0.5
V
ILI
input leakage current
VEN =5V
1
5
10
µA
Schmitt trigger voltage for reset
Vthr
rising threshold
voltage of regulator 2
VP rising; IREG2 = 50 mA; note 3 −
VREG2 − 0.15
VREG2 − 0.075 V
Vthf
falling threshold
voltage of regulator 2
VP falling; IREG2 = 50 mA; note 3 4.3
VREG2 − 0.35
−
V
Vhys
hysteresis voltage
0.1
0.2
0.3
V
Schmitt trigger voltage for hold
Vthr
rising threshold
voltage of regulator 1
VP rising; note 3
−
VREG1 − 0.15
VREG1 − 0.075 V
Vthf
falling threshold
voltage of regulator 1
VP falling; note 3
7.7
VREG1 − 0.35
−
V
Vhys
hysteresis voltage
0.1
0.2
0.3
V
Reset and hold output
IsinkL
LOW-level sink
current
Vo ≤ 0.8 V
2
−−
mA
ILO
output leakage
current
Vo =5V; VP = 14.4 V
−−
2
µA
tr
rise time
note 4
−
750
µs
tf
fall time
note 4
−
150
µs
Reset delay capacitor circuit
Ich
charge current
2
3
4
µA
Idch
discharge current
500
800
−µA
Vthr(res)
rising threshold
voltage for delayed
reset pulse
2.8
3.0
3.2
V
Vthr(sw)
rising threshold
voltage for delayed
power switch foldback
mode
note 5
−
6.4
−
V
td(res)
reset delay time
C7 = 47 nF; note 6
32
47
70
ms
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com