Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608THQ Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDA3608THQ
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608THQ Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDA3608THQ Datasheet HTML 5Page - NXP Semiconductors TDA3608THQ Datasheet HTML 6Page - NXP Semiconductors TDA3608THQ Datasheet HTML 7Page - NXP Semiconductors TDA3608THQ Datasheet HTML 8Page - NXP Semiconductors TDA3608THQ Datasheet HTML 9Page - NXP Semiconductors TDA3608THQ Datasheet HTML 10Page - NXP Semiconductors TDA3608THQ Datasheet HTML 11Page - NXP Semiconductors TDA3608THQ Datasheet HTML 12Page - NXP Semiconductors TDA3608THQ Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
2003 Nov 28
9
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
CHARACTERISTICS
VP = 14.4 V; Tamb =25 °C; measured in test circuit of Fig.12; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VP
supply voltage
operating
−
18
V
reverse polarity; non-operating
−−18
V
jump start for t
≤ 10 minutes
−
30
V
load dump protection for t
≤ 50 ms and
tr ≥ 2.5 ms
−
50
V
Ptot
total power
dissipation
−
62
W
Tstg
storage temperature
non-operating
−55
+150
°C
Tamb
ambient temperature
operating
−40
+85
°C
Tj
junction temperature
operating
−40
+150
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth(j-c)
thermal resistance from junction to case
TDA3608Q
2
K/W
TDA3608TH
3.5
K/W
Rth(j-a)
thermal resistance from junction to ambient
in free air
50
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VP
supply voltage
operating
9.5
14.4
18
V
regulator 2 on; note 1
2.4
14.4
18
V
jump start for t
≤ 10 minutes
−−
30
V
load dump protection for
t
≤ 50 ms and t
r ≥ 2.5 ms
−−
50
V
Iq
quiescent supply
current
standby mode; note 2
VP = 12.4 V
−
500
600
µA
VP = 14.4 V
−
520
−µA
Schmitt trigger supply voltage for regulator 1, regulator 3 and power switch
Vthr
rising threshold
voltage
4.0
4.5
5.0
V
Vthf
falling threshold
voltage
3.5
4.0
4.5
V
Vhys
hysteresis voltage
−
0.5
−
V
Schmitt trigger supply voltage for regulator 2
Vthr
rising threshold
voltage
6.0
6.5
7.1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com