Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA3608THQ Datasheet(PDF) 14 Page - NXP Semiconductors

Part # TDA3608THQ
Description  Multiple voltage regulators with switch
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA3608THQ Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button TDA3608THQ Datasheet HTML 10Page - NXP Semiconductors TDA3608THQ Datasheet HTML 11Page - NXP Semiconductors TDA3608THQ Datasheet HTML 12Page - NXP Semiconductors TDA3608THQ Datasheet HTML 13Page - NXP Semiconductors TDA3608THQ Datasheet HTML 14Page - NXP Semiconductors TDA3608THQ Datasheet HTML 15Page - NXP Semiconductors TDA3608THQ Datasheet HTML 16Page - NXP Semiconductors TDA3608THQ Datasheet HTML 17Page - NXP Semiconductors TDA3608THQ Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
2003 Nov 28
14
Philips Semiconductors
Product specification
Multiple voltage regulators with switch
TDA3608Q; TDA3608TH
TEST AND APPLICATION INFORMATION
Test information
mgk605
ENSW
EN3
BU
C
RES
C3
10
µF
C9(2)
>10 µF
C2
220 nF
R4
2.2
Ω
C1
220 nF
C4
10
µF
HOLD
RES
REG3
REG1
REG2
1 k
Ω
R1
R3
10 k
Ω
R2
10 k
Ω
1 k
Ω
1 k
Ω
5 V
5 V
8.5 V
14.2 V
C5
10
µF
C8
220 nF
C10
50 pF
C6
50 pF
C7
47 nF
R
L(SW)
R
L(REG2)
1 k
Ω
R
L(REG1)
1 k
Ω
R
L(REG3)
SW
(17) 13
(15) 11
(4) 2
(11) 8
(8) 5
(5) 3
4 (6)
12 (16)
9 (12)
7 (10)
1 (3)
10
TDA3608Q
(TDA3608TH)
GND
V
P
V
P
V
ENSW
V
EN3
EN1
6 (9)
V
EN1
V
bu
(1)
Fig.12 Test circuit.
Numbers in parenthesis refer to type number TDA3608TH.
(1) Capacitor not required for stability.
(2) Value depends on application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com