Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7490BCP Datasheet(PDF) 5 Page - Analog Devices

Part # AD7490BCP
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCP Datasheet(HTML) 5 Page - Analog Devices

  AD7490BCP Datasheet HTML 1Page - Analog Devices AD7490BCP Datasheet HTML 2Page - Analog Devices AD7490BCP Datasheet HTML 3Page - Analog Devices AD7490BCP Datasheet HTML 4Page - Analog Devices AD7490BCP Datasheet HTML 5Page - Analog Devices AD7490BCP Datasheet HTML 6Page - Analog Devices AD7490BCP Datasheet HTML 7Page - Analog Devices AD7490BCP Datasheet HTML 8Page - Analog Devices AD7490BCP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7490
–5–
REV. A
ABSOLUTE MAXIMUM RATINGS
1
(TA = 25
°C, unless otherwise noted.)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
VDRIVE to GND . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Analog Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . . . . . . . –0.3 V to +7 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
REFIN to GND . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Input Current to Any Pin Except Supplies
2 . . . . . . . .
±10 mA
Operating Temperature Ranges
Commercial (B Version) . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . 150
°C
IOL
IOH
1.6V
TO
OUTPUT
PIN CL
25pF
200 A
200 A
Figure 1. Load Circuit for Digital Output Timing Specifications
LFCSP, TSSOP Package, Power Dissipation . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . 108.2
°C/W (LFCSP)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . 97.9
°C/W (TSSOP)
θJC Thermal Impedance . . . . . . . . . . . 32.71°C/W (LFCSP)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
°C/W (TSSOP)
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
ESD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 kV
NOTES
1 Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2 Transient currents of up to 100 mA will not cause SCR latch up.
ORDERING GUIDE
Temperature
Linearity
Package
Package
Model
Range
Error (LSB)
1
Option
Description
AD7490BCP
–40
°C to +85°C
±1
CP-32
LFCSP
AD7490BRU
–40
°C to +85°C
±1
RU-28
TSSOP
EVAL-AD7490CB
2
Evaluation Board
EVAL-CONTROL BRD2
3
Controller Board
NOTES
1Linearity error refers to integral linearity error.
2This can be used as a stand-alone evaluation board or in conjunction with the Evaluation Controller Board for evaluation/
demonstration purposes.
3This board is a complete unit allowing a PC to control and communicate with all Analog Devices evaluation boards ending in
the CB designators. To order a complete evaluation kit, you will need to order the particular ADC evaluation board, e.g.,
EVAL-AD7490CB, the EVAL-CONTROL-BRD2, and a 12 V ac transformer. See relevant evaluation board technical note for
more information.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7490 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com