Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7490BCP Datasheet(PDF) 12 Page - Analog Devices

Part # AD7490BCP
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7490BCP Datasheet HTML 8Page - Analog Devices AD7490BCP Datasheet HTML 9Page - Analog Devices AD7490BCP Datasheet HTML 10Page - Analog Devices AD7490BCP Datasheet HTML 11Page - Analog Devices AD7490BCP Datasheet HTML 12Page - Analog Devices AD7490BCP Datasheet HTML 13Page - Analog Devices AD7490BCP Datasheet HTML 14Page - Analog Devices AD7490BCP Datasheet HTML 15Page - Analog Devices AD7490BCP Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
–12–
AD7490
REV. A
Figure 4 shows how a sequence of consecutive channels can be
converted on without having to program the Shadow Register or
write to the part on each serial transfer. Again, to exit this mode of
operation and revert back to the normal mode of operation of a
multichannel ADC (as outlined in Figure 2), ensure the WRITE
Bit = 1 and the SEQ = SHADOW = 0 on the next serial transfer.
POWER ON
DUMMY CONVERSIONS
DIN = ALL 1s
DIN: WRITE TO CONTROL REGISTER,
WRITE BIT = 1,
SELECT CODING, RANGE, AND POWER MODE
SELECT CHANNEL A3–A0 FOR CONVERSION,
SEQ = 1 SHADOW = 1
DOUT: CONVERSION RESULT FROM CHANNEL 0
CONTINUOUSLY CONVERTS ON A CONSECUTIVE
SEQUENCE OF CHANNELS FROM CHANNEL 0 UP
TO AND INCLUDING THE PREVIOUSLY SELECTED
A3–A0 IN THE CONTROL REGISTER
WRITE BIT = 0
CONTINUOUSLY CONVERTS ON THE SELECTED
SEQUENCE OF CHANNELS BUT WILL ALLOW
RANGE, CODING, AND SO ON, TO CHANGE IN THE
CONTROL REGISTER WITHOUT INTERRUPTING
THE SEQUENCE PROVIDED, SEQ = 1, SHADOW = 0
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
CS
CS
CS
WRITE BIT = 1,
SEQ = 1,
SHADOW = 0
Figure 4. SEQ Bit = 1, SHADOW Bit = 1 Flowchart
CIRCUIT INFORMATION
The AD7490 is a fast, 16-channel, 12-bit, single-supply, A/D conver-
ter. The parts can be operated from a 2.7 V to 5.25 V supply. When
operated from a 5 V supply, the AD7490 is capable of throughput
rates of up to 1 MSPS when provided with a 20 MHz clock.
The AD7490 provides the user with an on-chip track/hold, A/D
converter, and a serial interface housed in either 28-lead TSSOP or
32-lead LFCSP package. The AD7490 has 16 single-ended
input channels with a channel sequencer, allowing the user to select
a sequence of channels through which the ADC can cycle with
each consecutive
CS falling edge. The serial clock input accesses
data from the part, controls the transfer of data written to the ADC,
and provides the clock source for the successive-approximation
A/D converter. The analog input range for the AD74790 is 0 to
REFIN or 0 to 2
REFIN depending on the status of Bit 1 in the
Control Register. For the 0 to 2
REFIN range, the part must
be operated from a 4.75 V to 5.25 V supply.
The AD7490 provides flexible power management options to
allow the user to achieve the best power performance for a given
throughput rate. These options are selected by programming the
Power Management bits in the Control Register.
CONVERTER OPERATION
The AD7490 is a 12-bit successive approximation analog-to-digital
converter based around a capacitive DAC. The AD7490 can convert
analog input signals in the range 0 V to VREF IN or 0 V to 2
VREF IN.
Figures 5 and 6 show simplified schematics of the ADC. The ADC
comprises Control Logic, SAR, and a Capacitive DAC, which are
used to add and subtract fixed amounts of charge from the sampling
capacitor to bring the comparator back into a balanced condition.
Figure 5 shows the ADC during its acquisition phase. SW2 is closed
and SW1 is in position A. The comparator is held in a balanced
condition and the sampling capacitor acquires the signal on the
selected VIN channel.
VIN0
.
.
VIN15
AGND
A
B
SW1
SW2
COMPARATOR
CONTROL
LOGIC
CAPACITIVE
DAC
4k
Figure 5. ADC Acquisition Phase
When the ADC starts a conversion (see Figure 6), SW2 will
open and SW1 will move to position B causing the comparator
to become unbalanced. The Control Logic and the Capacitive
DAC are used to add and subtract fixed amounts of charge from
the sampling capacitor to bring the comparator back into a balanced
condition. When the comparator is rebalanced, the conversion is
complete. The Control Logic generates the ADC output code.
Figure 8 shows the ADC transfer function.
VIN0
.
.
VIN15
AGND
A
B
SW1
SW2
COMPARATOR
CONTROL
LOGIC
4k
CAPACITIVE
DAC
Figure 6. ADC Conversion Phase
Analog Input
Figure 7 shows an equivalent circuit of the analog input structure
of the AD7490. The two diodes, D1 and D2, provide ESD pro-
tection for the analog inputs. Care must be taken to ensure that
the analog input signal never exceeds the supply rails by more
than 200 mV. This will cause these diodes to become forward
biased and start conducting current into the substrate. 10 mA is the
maximum current these diodes can conduct without causing
irreversible damage to the part. The capacitor C1 in Figure 7 is
typically about 4 pF and can primarily be attributed to pin
capacitance. The resistor R1 is a lumped component made up of
VIN
C1
4pF
C2
30pF
R1
D1
D2
VDD
CONVERSION PHASE—SWITCH OPEN
TRACK PHASE—SWITCH CLOSED
Figure 7. Equivalent Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com