Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7490BCP Datasheet(PDF) 16 Page - Analog Devices

Part # AD7490BCP
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCP Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7490BCP Datasheet HTML 12Page - Analog Devices AD7490BCP Datasheet HTML 13Page - Analog Devices AD7490BCP Datasheet HTML 14Page - Analog Devices AD7490BCP Datasheet HTML 15Page - Analog Devices AD7490BCP Datasheet HTML 16Page - Analog Devices AD7490BCP Datasheet HTML 17Page - Analog Devices AD7490BCP Datasheet HTML 18Page - Analog Devices AD7490BCP Datasheet HTML 19Page - Analog Devices AD7490BCP Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
–16–
AD7490
REV. A
1
12
CS
SCLK
DOUT
DIN
16
1
12
16
1
12
16
DUMMY CONVERSION
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
INVALID DATA
CHANNEL IDENTIFIER BITS + CONVERSION RESULT
DATA IN TO CONTROL/SHADOW REGISTER
PART ENTERS
STANDBY ON
CS
RISING EDGE AS
PM1
0, PM0
0
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCKS, PM1
0, PM0
0
DATA IN TO CONTROL/SHADOW REGISTER
CONTROL REGISTER SHOULD REMAIN
UNCHANGED, WRITE BIT
0
TO KEEP PART IN THIS MODE, LOAD PM1
0,
PM0
0 IN CONTROL REGISTER
PART IS FULLY
POWERED UP
PART BEGINS
TO POWER
UP ON
CS
FALLING EDGE
PART ENTERS
STANDBY ON
CS
RISING EDGE AS
PM1
0, PM0
0
Figure 15. Auto Standby Mode Operation
1
12
CS
SCLK
DOUT
DIN
16
1
12
16
1
12
16
DUMMY CONVERSION
DUMMY CONVERSION
INVALID DATA
INVALID DATA
INVALID DATA
DATA IN TO CONTROL
CORRECT VALUE IN CONTROL
REGISTER VALID DATA FROM
NEXT CONVERSION USER CAN
WRITE TO SHADOW REGISTER
IN NEXT CONVERSION
KEEP DIN LINE TIED HIGH FOR FIRST TWO DUMMY CONVERSIONS
CONTROL REGISTER IS LOADED ON THE
FIRST 12 CLOCK EDGES
Figure 16. Placing into the Required Operating Mode after Supplies are Applied
AD7490 in this mode. In Shutdown Mode, all internal circuitry on
the AD7490 is powered down. The part retains information in
the Control Register during shutdown. The AD7490 remains in
shutdown until the next
CS falling edge it receives. On this CS
falling edge, the track and hold that was in hold while the part was
in shutdown will return to track. Wake-up time from auto shut-
down is 1
µs, and the user should ensure that 1 µs has elapsed
before attempting a valid conversion. When running the AD7490
with a 20 MHz clock, one dummy cycle of 16
SCLKs should
be sufficient to ensure the part is fully powered up. During this
dummy cycle, the contents of the Control Register should remain
unchanged; therefore the WRITE Bit should be 0 on the DIN line.
This dummy cycle effectively halves the throughput rate of the part,
with every other conversion result being valid. In this mode, the
power consumption of the part is greatly reduced with the part
entering shutdown at the end of each conversion. When the Control
Register is programmed to move into auto shutdown, it does so
at the end of the conversion. The user can move the ADC in and
out of the low power state by controlling the
CS signal.
Auto Standby (PM1 = PM0 = 0)
In this mode, the AD7490 automatically enters Standby Mode at
the end of each conversion when the Control Register is updated.
Figure 15 shows the general diagram of the operation of the
AD7490 in this mode. When the part is in standby, portions of the
AD7490 are power-down but the on-chip bias generator remains
powered up. The part retains information in the Control Register
during standby. The AD7490 remains in standby until it receives
the next
CS falling edge. On this CS falling edge, the track and
hold that was in hold while the part was in standby will return to
track. Wake-up time from standby is 1
µs; the user should ensure
that 1
µs has elapsed before attempting a valid conversion on the
part in this mode. When running the AD7490 with a 20 MHz
clock, one dummy cycle of 16
SCLKs should be sufficient to
ensure the part is fully powered up. During this dummy cycle, the
contents of the Control Register should remain unchanged,
therefore the WRITE Bit should be set to 0 on the DIN line. This
dummy cycle effectively halves the throughput rate of the part
with every other conversion result being valid. In this mode, the
power consumption of the part is greatly reduced with the part
entering standby at the end of each conversion. When the Control
Register is programmed to move into Auto Standby, it does so at
the end of the conversion. The user can move the ADC in and out
of the low power state by controlling the
CS signal.
Powering Up the AD7490
When supplies are first applied to the AD7490, the ADC may
power up in any of the operating modes of the part. To ensure the
part is placed into the required operating mode, the user should
perform a dummy cycle operation as outlined in Figure 16.
The three dummy conversion operations outlined in Figure 16 must
be performed to place the part into either of the auto modes. The
first two conversions of this dummy cycle operation are performed
with the DIN line tied HIGH, and for the third conversion of the
dummy cycle operation, the user should write the desired control
register configuration to the AD7490 in order to place the part
into the required Auto Mode. On the third
CS rising edge after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com