Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7490BCP Datasheet(PDF) 9 Page - Analog Devices

Part # AD7490BCP
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCP Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7490BCP Datasheet HTML 5Page - Analog Devices AD7490BCP Datasheet HTML 6Page - Analog Devices AD7490BCP Datasheet HTML 7Page - Analog Devices AD7490BCP Datasheet HTML 8Page - Analog Devices AD7490BCP Datasheet HTML 9Page - Analog Devices AD7490BCP Datasheet HTML 10Page - Analog Devices AD7490BCP Datasheet HTML 11Page - Analog Devices AD7490BCP Datasheet HTML 12Page - Analog Devices AD7490BCP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
AD7490
–9–
REV. A
CODE
1.0
–1.0
0
4096
512
1024
1536
2048
2560
3072
3584
0.8
0.2
–0.2
–0.6
–0.8
0.6
0.4
0
–0.4
VDD
VDRIVE
5V
TEMP
25 C
TPC 6. Typical INL
CONTROL REGISTER
The Control Register on the AD7490 is a 12-bit, write-only register. Data is loaded from the DIN pin of the AD7490 on the falling
edge of SCLK. The data is transferred on the DIN line at the same time as the conversion result is read from the part. The data transferred
on the DIN line corresponds to the AD7490 configuration for the next conversion. This requires 16 serial clocks for every data transfer.
Only the information provided on the first 12 falling clock edges (after
CS falling edge) is loaded to the Control Register. MSB denotes
the first bit in the data stream. The bit functions are outlined in Table I.
Table I. Control Register Bit Functions
B
S
M
B
S
L
E
T
I
R
WQ
E
S3
D
D
A2
D
D
A1
D
D
A0
D
D
A1
M
P0
M
PW
O
D
A
H
SI
R
T
/
K
A
E
WE
G
N
A
RG
N
I
D
O
C
Bit
Name
Description
11
WRITE
The value written to this bit of the Control Register determines whether the following 11 bits will be loaded
to the Control Register or not. If this bit is a 1, the following 11 bits will be written to the Control Register;
if it is a 0, the remaining 11 bits are not loaded to the Control Register and so it remains unchanged.
10
SEQ
The SEQ Bit in the Control Register is used in conjunction with the Shadow Bit to control the use of the
sequencer function and access the Shadow Register. (See Table IV.)
9–6ADD3–ADD0
These four address bits are loaded at the end of the present conversion sequence, and select which analog
input channel is to be converted on in the next serial transfer, or may select the final channel in a con-
secutive sequence as described in Table IV. The selected input channel is decoded as shown in Table II.
The address bits corresponding to the conversion result are also output on DOUT prior to the 12 bits of
data (see Serial Interface section). The next channel to be converted on will be selected by the mux on
the 14th SCLK falling edge.
5, 4
PM1, PM0
Power Management Bits. These two bits decode the mode of operation of the AD7490 as shown in Table III.
3
SHADOW
The Shadow Bit in the Control Register is used in conjunction with the SEQ Bit to control the use of the
sequencer function and access the Shadow Register. (See Table IV.)
2
WEAK/
TRI
This bit selects the state of the DOUT line at the end of the current serial transfer. If it is set to 1, the
DOUT line will be weakly driven to the channel address bit ADD3 of the ensuing conversion. If this bit is
set to 0, then DOUT will return to three-state at the end of the serial transfer. See the Serial Interface
section for more details.
1
RANGE
This bit selects the analog input range to be used on the AD7490. If it is set to 0, then the analog input range
will extend from 0 V to 2
REFIN. If it is set to 1, then the analog input range will extend from 0 V to
REFIN (for the next conversion). For 0 V to 2
REFIN, VDD = 4.75 V to 5.25 V.
0
CODING
This bit selects the type of output coding the AD7490 will use for the conversion result. If this bit is set to 0,
the output coding for the part will be twos complement. If this bit is set to 1, the output coding from the
part will be straight binary (for the next conversion).
CODE
1.0
–1.0
0
4096
512
1024
1536
2048
2560
3072
3584
0.8
0.2
–0.2
–0.6
–0.8
0.6
0.4
0
–0.4
VDD
VDRIVE
5V
TEMP
25 C
TPC 7. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com