Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7490BCP Datasheet(PDF) 8 Page - Analog Devices

Part # AD7490BCP
Description  16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7490BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7490BCP Datasheet HTML 4Page - Analog Devices AD7490BCP Datasheet HTML 5Page - Analog Devices AD7490BCP Datasheet HTML 6Page - Analog Devices AD7490BCP Datasheet HTML 7Page - Analog Devices AD7490BCP Datasheet HTML 8Page - Analog Devices AD7490BCP Datasheet HTML 9Page - Analog Devices AD7490BCP Datasheet HTML 10Page - Analog Devices AD7490BCP Datasheet HTML 11Page - Analog Devices AD7490BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
–8–
AD7490–Typical Performance Characteristics
REV. A
TPC 1 shows a typical FFT plot for the AD7490 at 1 MSPS
sample rate and 50 kHz input frequency.
TPC 3 shows the power supply rejection ratio versus supply
ripple frequency for the AD7490. The power supply rejection
ratio is defined as the ratio of the power in the ADC output at
full-scale frequency f, to the power of a 200 mV p-p sine wave
applied to the ADC VDD supply of frequency fS.
PSRR dB
Pf
Pf
S
()
log
=×


10
Pf is equal to the power at frequency f in ADC output; PfS is equal
to power at frequency fS coupled onto the ADC VDD supply input.
Here, a 200 mV p-p sine wave is coupled onto the VDD supply.
10 nF decoupling was used on the supply and a 1
µF decoupling
cap on the REFIN pin.
INPUT FREQUENCY – Hz
–20
–90
01M
100k 200k 300k 400k 500k 600k 700k 800k 900k
–30
–40
–50
–60
–70
–80
VDD
5V
VDD
3V
VDD
3V/5V, 10nF CAP
200mV p-p SINE WAVE ON V DD
REFIN
2.5V, 1 F CAP
TA
25 C
TPC 3. PSRR vs. Supply Ripple Frequency
INPUT FREQUENCY – kHz
–50
–90
10
1000
100
–70
–60
–80
VDD
VDRIVE
4.75V
VDD
VDRIVE
5.25V
VDD
VDRIVE
2.7V
VDD
VDRIVE
3.6V
fS
MAX THROUGHPUT
TA
25 C
RANGE
0 TO REFIN
–55
–75
–65
–85
TPC 4. THD vs. Analog Input Frequency for Various
Supply Voltages at 1 MSPS
INPUT FREQUENCY – kHz
–50
10
1000
100
–70
–60
–80
RIN
100
fS
1 MSPS
TA
25 C
VDD
5.25 V
RANGE
0 TO REFIN
–55
–75
–65
–85
RIN
1000
RIN
10
RIN
50
RIN
1000
TPC 5. THD vs. Analog Input Frequency for Various
Analog Source Impedances
5
–55
–115
–15
–35
–75
–95
FREQUENCY – kHz
0
500
50
100
150
200
250
300
350
400
450
8192 POINT FFT
fSAMPLE
1MSPS
fIN
50kHz
SINAD
70.697dB
THD
–79.171dB
SFDR
–79.93dB
TPC 1. Dynamic Performance at 1 MSPS
INPUT FREQUENCY – kHz
75
55
10
1000
100
65
70
60
VDD
VDRIVE
5.25V
VDD
VDRIVE
4.75V
VDD
VDRIVE
2.7V
VDD
VDRIVE
3.6V
fS
MAX THROUGHPUT
TA
25 C
RANGE
0 TO REFIN
TPC 2. SINAD vs. Analog Input Frequency for
Various Supply Voltages at 1 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com