Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221-I/ML Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 23Page - Microchip Technology MCP2221-I/ML Datasheet HTML 24Page - Microchip Technology MCP2221-I/ML Datasheet HTML 25Page - Microchip Technology MCP2221-I/ML Datasheet HTML 26Page - Microchip Technology MCP2221-I/ML Datasheet HTML 27Page - Microchip Technology MCP2221-I/ML Datasheet HTML 28Page - Microchip Technology MCP2221-I/ML Datasheet HTML 29Page - Microchip Technology MCP2221-I/ML Datasheet HTML 30Page - Microchip Technology MCP2221-I/ML Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 27
MCP2221
TABLE 3-5:
RESPONSE STRUCTURE – READ CHIP SETTINGS SUB-COMMAND
Byte
Index
Function Description
Value
Effect
0
0xB0
Read Flash Data – command code echo
1
0x00
Command completed successfully
2
Structure length
3Don’t care
4
Bit 7: CDC Serial Number
Enumeration Enable
1
The USB serial number will be used during the USB
enumeration of the CDC interface.
0
No serial number descriptor will be presented during the
USB enumeration.
Bit 6: Initial value for LEDUARTRX
pin option
This value represents the logic level signaled when no
UART RX activity takes places. When the UART RX (of the
MCP2221) is receiving data, the LEDUARTRX pin will take
the negated value of this bit.
Bit 5: Initial value for LEDUARTTX
pin option
This value represents the logic level signaled when no
UART TX transmission takes place. When the UART TX (of
the MCP2221) is sending data, the LEDUARTTX pin will
take the negated value of this bit.
Bit 4: Initial value for LEDI2C pin
option
This value represents the logic level signaled when no I2C
traffic occurs. When the I2C traffic is active, the LEDI2C pin
(if enabled) will take the negated value of this bit.
Bit 3: Initial value for SSPND pin
option
This value represents the logic level signaled when the
device is not in Suspend mode. Upon entering Suspend
mode, the SSPND pin (if enabled) will take the negated
value of this bit.
Bit 2: Initial value for USBCFG pin
option
This value represents the logic level signaled when the
device is not USB configured. When the device will be USB
configured, the USBCFG pin (if enabled) will take the
negated value of this bit.
Bits 1-0: Chip configuration security
option
11-10
Permanently locked
01
Password-protected
00
Unsecured
5
Bits 7-5
Don’t
care
Bits 4-0: Clock Output divider value
If the GP pin (exposing the clock output) is enabled for
clock output operation, the divider value will be used on the
48 MHz USB internal clock and its divided output will be
sent to this pin.
6
Bits 7-6: DAC Reference voltage
option
11
Reference voltage is 4.096V (only if VDD is above this
voltage)
10
Reference voltage is 2.048V
01
Reference voltage is 1.024V
00
Reference voltage is off (this is useful for the case in which
the DAC uses other reference than VRM DAC; e.g., VDD)
Bit 5: DAC reference option
1
DAC reference is VRM DAC voltage
0
DAC reference is VDD
Bits 4-0: Power-Up DAC value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com