Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221-I/ML Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 3Page - Microchip Technology MCP2221-I/ML Datasheet HTML 4Page - Microchip Technology MCP2221-I/ML Datasheet HTML 5Page - Microchip Technology MCP2221-I/ML Datasheet HTML 6Page - Microchip Technology MCP2221-I/ML Datasheet HTML 7Page - Microchip Technology MCP2221-I/ML Datasheet HTML 8Page - Microchip Technology MCP2221-I/ML Datasheet HTML 9Page - Microchip Technology MCP2221-I/ML Datasheet HTML 10Page - Microchip Technology MCP2221-I/ML Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 7
MCP2221
REGISTER 1-1:
CHIPSETTING0 REGISTER
R/W-0
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
CDCSNEN LEDURXINST LEDUTXINST LEDI2CINST SSPNDINST USBCFGINST CHIPPROT1 CHIPPROT0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
CDCSNEN: USB CDC Serial Number Enable
1 = USB CDC Serial Number is enumerated
0 = No USB CDC Serial Number enumeration (factory default)
bit 6
LEDURXINST: LED UART RX Inactive State
1 =LED UART RX is inactive high and active low (factory default)
0 =LED UART RX is inactive low and active high
bit 5
LEDUTXINST: LED UART TX Inactive State
1 =LED UART TX is inactive high and active low (factory default)
0 =LED UART TX is inactive low and active high
bit 4
LEDI2CINST: LED I2C Inactive State
1 =LED I2C is inactive high and active low (factory default)
0 =LED I2C is inactive low and active high
bit 3
SSPNDINST: SSPND Inactive State
1 = SSPND is inactive high and active low (factory default)
0 = SSPND is inactive low and active high
bit 2
USBCFGINST: USBCFG Inactive State
1 = USBCFG is inactive high and active low (factory default)
0 = USBCFG is inactive low and active high
bit 1-0
CHIPPROT<1:0>: Chip Settings Protection Level
11 = Reserved
10 = Permanently locked
01 = Password protection
00 = Chip settings unprotected (factory default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com