Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221-I/ML Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 1 Page - Microchip Technology

  MCP2221-I/ML Datasheet HTML 1Page - Microchip Technology MCP2221-I/ML Datasheet HTML 2Page - Microchip Technology MCP2221-I/ML Datasheet HTML 3Page - Microchip Technology MCP2221-I/ML Datasheet HTML 4Page - Microchip Technology MCP2221-I/ML Datasheet HTML 5Page - Microchip Technology MCP2221-I/ML Datasheet HTML 6Page - Microchip Technology MCP2221-I/ML Datasheet HTML 7Page - Microchip Technology MCP2221-I/ML Datasheet HTML 8Page - Microchip Technology MCP2221-I/ML Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 1
MCP2221
Features:
Universal Serial Bus (USB)
• Supports Full-Speed USB (12 Mb/s)
• Implements USB Protocol Composite Device:
- Communication Device Class (CDC) for
USB-to-UART Conversion
- Human Interface Device (HID) for I2C™
Device Control and Configuration
• 128-byte Buffer to Handle Data Throughput at
Any Supported UART Baud Rate:
- 64-Byte Transmit
- 64-Byte Receive
• Human Interface Device (HID) for Both
I2C Communication and Control:
64-byte Buffer to Handle Data Throughput at
Any I2C Baud Rate
• Fully-Configurable VID and PID Assignments and
String Descriptors
• Bus-powered or Self-powered
• USB 2.0-Compliant: TID# 40001594
USB Driver and Software Support
• Enumerates as a Composite USB Device (CDC
and HID) Using Standard Drivers for Virtual Com
Port (VCP) on the Following Windows® Operating
Systems: XP® (SP3), Vista®, 7, 8 and 8.1
• Configuration Utility for Establishing a Custom
Boot-up Configuration
•I2C/SMBus Terminal
• Windows DLL
CDC and Universal Asynchronous
Receiver/Transmitter (UART) Options
• Communications Device Class (CDC) for the
USB-to-UART Option
• Responds to SET LINE CODING Commands to
Dynamically Change Baud Rates
• Supports Baud Rates: 300-115200
•UART TX and RX Pins Only
• Serial Number Used During the CDC
Enumeration Can Be Enabled By Using the
Microchip-provided Configuration Utility or By
Calling the Proper API From the Support Libraries
for this Device
I2C/SMBus
• The Device Runs as an I2C Master. The Data to
Write/Read On the I2C Bus is Conveyed By the
USB Interface.
•I2C Master
- Up to 400 kHz Clock Rate
- Supports 7- or 10-bit Addressable Devices;
10-bit Addressable Devices are Supported
Through the PC Host Library
- Supports Block Reads/Writes of Up to 65,535
Bytes Long
• SMBus Master
- Supports All of the SMBus Transfers
- SMBus Functionality is Achieved Through a
Combination of Chip and Support Library
Processing
- Up to 400 kHz Clock Rate
General-Purpose Input/Output (GPIO) Pins
• Four General-Purpose Input/Output Pins
• All GP Pins Can Be Assigned to Other
Functionalities
Other Functionalities
• UART Activity LED Outputs (UTX and URX)
• SSPND Output Pin
• USBCFG Output Pin (Indicates When the
Enumeration Has Completed)
• Three ADC Inputs
• One DAC with Two Possible Output Options
• Clock Reference Output: 12 MHz or Other
Configurable Values
• External Interrupt Edge Detection
Other
• Operating Voltage: 3.0 to 5.5V
• Electrostatic Discharge (ESD) Protection: > 4 kV
Human Body Model (HBM)
• Industrial (I) Operating Temperature: -40°C to +85°C
USB 2.0 to I2C™/UART Protocol Converter with GPIO


Similar Part No. - MCP2221-I/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2221A MICROCHIP-MCP2221A Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221A-I/ML MICROCHIP-MCP2221A-I/ML Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221A-I/P MICROCHIP-MCP2221A-I/P Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221A-I/SL MICROCHIP-MCP2221A-I/SL Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2221A-I/ST MICROCHIP-MCP2221A-I/ST Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
More results

Similar Description - MCP2221-I/ML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2200 MICROCHIP-MCP2200 Datasheet
504Kb / 34P
USB 2.0 to UART Protocol Converter with GPIO
2010
MCP2200 MICROCHIP-MCP2200_11 Datasheet
521Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
2011
MCP2210 MICROCHIP-MCP2210 Datasheet
1Mb / 82P
USB-to-SPI Protocol Converter with GPIO (Master Mode)
2011
MCP2200 MICROCHIP-MCP2200_13 Datasheet
521Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
08/04/10
logo
List of Unclassifed Man...
UUSB-MB5 ETC2-UUSB-MB5 Datasheet
856Kb / 6P
USB to Serial UART Bridge Converter
logo
Microchip Technology
MCP2221A MICROCHIP-MCP2221A Datasheet
1Mb / 80P
USB 2.0 to I2C/UART Protocol Converter with GPIO
07/14/15
MCP2200 MICROCHIP-MCP2200_15 Datasheet
649Kb / 44P
USB 2.0 to UART Protocol Converter with GPIO
07/14/15
logo
Future Technology Devic...
FTPD-1 FTDI-FTPD-1 Datasheet
524Kb / 13P
Full-Speed USB to UART converter
T260Q-T FTDI-T260Q-T Datasheet
2Mb / 61P
HID-class USB to UART/I2C Bridge IC
logo
ON Semiconductor
FUSB303 ONSEMI-FUSB303 Datasheet
213Kb / 19P
Autonomous USB Port Controller with I2C and GPIO Control
January, 2018 ??Rev.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com