Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221-I/ML Datasheet(PDF) 62 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 62 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 58Page - Microchip Technology MCP2221-I/ML Datasheet HTML 59Page - Microchip Technology MCP2221-I/ML Datasheet HTML 60Page - Microchip Technology MCP2221-I/ML Datasheet HTML 61Page - Microchip Technology MCP2221-I/ML Datasheet HTML 62Page - Microchip Technology MCP2221-I/ML Datasheet HTML 63Page - Microchip Technology MCP2221-I/ML Datasheet HTML 64Page - Microchip Technology MCP2221-I/ML Datasheet HTML 65Page - Microchip Technology MCP2221-I/ML Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 80 page
background image
MCP2221
DS20005292B-page 62
 2015 Microchip Technology Inc.
TABLE 4-2:
THERMAL CONSIDERATIONS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: -40
C  TA  +85C (I-Temp)
Param.
No.
Sym.
Characteristic
Typ.
Units
Conditions
TH01
θJA
Thermal Resistance Junction
to Ambient
70
C/W 14-pin PDIP package
95.3
C/W 14-pin SOIC package
100
C/W 14-pin TSSOP package
45.7
C/W 16-pin QFN 4 x 4 mm package
TH02
θJC
Thermal Resistance Junction
to Case
32
C/W 14-pin PDIP package
31
C/W 14-pin SOIC package
24.4
C/W 14-pin TSSOP package
6.3
C/W 16-pin QFN 4 x 4 mm package
TH03
TJMAX
Maximum Junction Temperature
+150
C
TH04
PD
Power Dissipation
—
W
PD = PINTERNAL +PI/O
TH05
PINTERNAL Internal Power Dissipation
—
W
PINTERNAL =IDD xVDD(1)
TH06
PI/O
I/O Power Dissipation
—
W
PI/O =
(IOL xVOL)+ (IOH x(VDD –VOH))
TH07
PDER
Derated Power
—
W
PDER =PDMAX (TJ –TA)/θJA(2, 3)
Note 1: IDD is the current to run the device alone without driving any load on the output pins.
2: TA = Ambient Temperature.
3: TJ = Junction Temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com