Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2221-I/ML Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP2221-I/ML
Description  USB 2.0 to I2C??UART Protocol Converter with GPIO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2221-I/ML Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP2221-I/ML Datasheet HTML 15Page - Microchip Technology MCP2221-I/ML Datasheet HTML 16Page - Microchip Technology MCP2221-I/ML Datasheet HTML 17Page - Microchip Technology MCP2221-I/ML Datasheet HTML 18Page - Microchip Technology MCP2221-I/ML Datasheet HTML 19Page - Microchip Technology MCP2221-I/ML Datasheet HTML 20Page - Microchip Technology MCP2221-I/ML Datasheet HTML 21Page - Microchip Technology MCP2221-I/ML Datasheet HTML 22Page - Microchip Technology MCP2221-I/ML Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 80 page
background image
 2015 Microchip Technology Inc.
DS20005292B-page 19
MCP2221
1.7.1.4
LED_URX
The “RX” in this pin name refers to the UART of the
MCP2221. The LED_URX pin is an indicator of UART
RX characters being received.
This pin will pulse low or high (depending on the chip
configuration settings; see the CHIPSETTING0
register for more details) for a period of time (a few
milliseconds). This allows the application to provide a
visual indication of the UART RX traffic.
1.7.1.5
LED_UTX
The “TX” in this pin name refers to the UART of the
MCP2221. The LED_UTX pin is an indicator of UART
TX characters being transmitted.
This pin will pulse low or high (depending on the chip
configuration settings; see the CHIPSETTING0
register for more details) for a period of time (a few
milliseconds). This allows the application to provide a
visual indication of the UART TX traffic.
1.7.1.6
LED_I2C
The “I2C” in this pin name refers to the I2C module in
the MCP2221. The LED_I2C pin is an indicator of I2C
activity.
This pin will pulse low or high (depending on the chip
configuration settings; see the CHIPSETTING0
register for details) for a period of time (a few
milliseconds). This allows the application to provide a
visual indication of the I2C traffic.
1.7.1.7
ADC1/2/3
When GP1/2/3 are configured for ADC operation, they
will work as analog input pins and they are tied to the
first three channels of the 10-bit ADC in the MCP2221.
1.7.1.8
DAC1/2
When GP2/3 are configured for DAC operation, they
will work as analog output pins and they are tied to the
output of the MCP2221’s 5-bit DAC.
TABLE 1-5:
GP DESIGNATION TABLE
GP
Designation
Bits <2:0>
Assignment
GP0
GP1
GP2
GP3
000
GPIO
GPIO
GPIO
GPIO
GPIO
001
DEDICATED_FUNC
SSPND
CLK OUT
USBCFG
LED_I2C
010
ALT_FUNC_0
LED_URX
ADC1
ADC2
ADC3
011
ALT_FUNC_1
—
LED_UTX
DAC1
DAC2
100
ALT_FUNC_2
—
IOC
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com