Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFO080QL Datasheet(PDF) 8 Page - AMIC Technology

Part # A25GFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL Datasheet(HTML) 8 Page - AMIC Technology

Back Button A25GFO080QL Datasheet HTML 4Page - AMIC Technology A25GFO080QL Datasheet HTML 5Page - AMIC Technology A25GFO080QL Datasheet HTML 6Page - AMIC Technology A25GFO080QL Datasheet HTML 7Page - AMIC Technology A25GFO080QL Datasheet HTML 8Page - AMIC Technology A25GFO080QL Datasheet HTML 9Page - AMIC Technology A25GFO080QL Datasheet HTML 10Page - AMIC Technology A25GFO080QL Datasheet HTML 11Page - AMIC Technology A25GFO080QL Datasheet HTML 12Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
7
AMIC Technology Corp.
Table 1-1. Protected Area Sizes (CMP=0)
A25LQ080
Status Register Content
(8M-Bit) Memory Protection
SEC
TB
BP2
BP1
BP0
Block(s)
Addresses
Density(Byte)
Portion
X
X
0
0
0
None
None
None
None
0
0
0
0
1
15
F0000h – FFFFFh
64KB
Upper 1/16
0
0
0
1
0
14 – 15
E0000h – FFFFFh
128KB
Upper 1/8
0
0
0
1
1
12 – 15
C0000h – FFFFFh
256KB
Upper 1/4
0
0
1
0
0
8 – 15
80000h – FFFFFh
512KB
Upper 1/2
0
0
1
0
1
0 – 15
00000h – FFFFFh
1MB
ALL
0
1
0
0
1
0
000000h – 0FFFFh
64KB
Lower 1/16
0
1
0
1
0
0 – 1
000000h – 1FFFFh
128KB
Lower 1/8
0
1
0
1
1
0 – 3
000000h – 3FFFFh
256KB
Lower 1/4
0
1
1
0
0
0 – 7
000000h – 7FFFFh
512KB
Lower 1/2
0
1
1
0
1
0 – 15
000000h – FFFFFh
1MB
ALL
X
X
1
1
X
0 – 15
000000h – FFFFFh
1MB
ALL
1
0
0
0
1
15
FF000h – FFFFFh
4KB
Top Block
1
0
0
1
0
15
FE000h – FFFFFh
8KB
Top Block
1
0
0
1
1
15
FC000h – FFFFFh
16KB
Top Block
1
0
1
0
X
15
F8000h – FFFFFh
32KB
Top Block
1
1
0
0
1
0
000000h – 00FFFh
4KB
Bottom Block
1
1
0
1
0
0
000000h – 01FFFh
8KB
Bottom Block
1
1
0
1
1
0
000000h – 03FFFh
16KB
Bottom Block
1
1
1
0
X
0
000000h – 07FFFh
32KB
Bottom Block
Note:
1.
X = don’t care
2.
If any Erase or Program command specifies a memory region that contains protected data portion, this command will be
ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com