Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFO080QL Datasheet(PDF) 48 Page - AMIC Technology

Part # A25GFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL Datasheet(HTML) 48 Page - AMIC Technology

Back Button A25GFO080QL Datasheet HTML 44Page - AMIC Technology A25GFO080QL Datasheet HTML 45Page - AMIC Technology A25GFO080QL Datasheet HTML 46Page - AMIC Technology A25GFO080QL Datasheet HTML 47Page - AMIC Technology A25GFO080QL Datasheet HTML 48Page - AMIC Technology A25GFO080QL Datasheet HTML 49Page - AMIC Technology A25GFO080QL Datasheet HTML 50Page - AMIC Technology A25GFO080QL Datasheet HTML 51Page - AMIC Technology A25GFO080QL Datasheet HTML 52Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
47
AMIC Technology Corp.
Absolute Maximum Ratings*
Storage Temperature (TSTG) . . . . . . . . . . -65
°C to + 150°C
Lead Temperature during Soldering (Note 1)
D.C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.6V to VCC+0.6V
Transient Voltage (<20ns) on Any Pin to Ground Potential . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VCC+2.0V
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . -0.6V to +4.0V
Electrostatic Discharge Voltage (Human Body model)
(VESD) (Note 2) . . . . . . . . . . . . . . . . . . . -2000V to 2000V
Notes:
1. Compliant with JEDEC Std J-STD-020B (for small body,
Sn-Pb or Pb assembly).
2. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500Ω ,
R2=500Ω)
*Comments
Stressing the device above the rating listed in the Absolute
Maximum Ratings" table may cause permanent damage to
the device. These are stress ratings only and operation of
the device at these or any other conditions above those
indicated in the Operating sections of this specification is not
implied. Exposure to Absolute Maximum Rating conditions
for extended periods may affect device reliability. Refer also
to the AMIC SURE Program and other relevant quality
documents.
DC AND AC PARAMETERS
This section summarizes the operating and measurement
conditions, and the DC and AC characteristics of the device.
The parameters in the DC and AC Characteristic tables that
follow are derived from tests performed under the
Measurement Conditions summarized in the relevant tables.
Designers should check that the operating conditions in their
circuit match the measurement conditions when relying on
the quoted parameters.
Table 10. Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
2.7
3.6
V
TA
Ambient Operating Temperature
–40
85
°C
Table 11. Data Retention and Endurance
Parameter
Condition
Min.
Max.
Unit
Erase/Program Cycles
At 85°C
100,000
Cycles
Data Retention
At 85°C
20
Years
Table 12. Capacitance
Symbol
Parameter
Test Condition
Min.
Max.
Unit
COUT
Output Capacitance (DO)
VOUT = 0V
8
pF
CIN
Input Capacitance (other pins)
VIN = 0V
6
pF
Note: Sampled only, not 100% tested, at TA=25°C and a frequency of 33 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com