Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFO080QL Datasheet(PDF) 24 Page - AMIC Technology

Part # A25GFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL Datasheet(HTML) 24 Page - AMIC Technology

Back Button A25GFO080QL Datasheet HTML 20Page - AMIC Technology A25GFO080QL Datasheet HTML 21Page - AMIC Technology A25GFO080QL Datasheet HTML 22Page - AMIC Technology A25GFO080QL Datasheet HTML 23Page - AMIC Technology A25GFO080QL Datasheet HTML 24Page - AMIC Technology A25GFO080QL Datasheet HTML 25Page - AMIC Technology A25GFO080QL Datasheet HTML 26Page - AMIC Technology A25GFO080QL Datasheet HTML 27Page - AMIC Technology A25GFO080QL Datasheet HTML 28Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
23
AMIC Technology Corp.
Read OTP (ROTP)
The device is first selected by driving Chip Select ( S ) Low.
The instruction code for the Read OTP (ROTP) instruction is
followed by a 3-byte address (A23- A0) and a dummy byte.
Each bit is latched in on the rising edge of Serial Clock (C).
Then the memory contents at that address are shifted out on
Serial Data output (DO).
Each bit is shifted out at the maximum frequency, fC(Max.) on
the falling edge of Serial Clock (C).
The instruction sequence is shown in Figure 13.
The address is automatically incremented to the next higher
address after each byte of data is shifted out. When the
highest address is reached, the address counter rolls over to
000000h, allowing the read sequence to be continued
indefinitely.
The Read OTP (ROTP) instruction is terminated by driving
Chip Select ( S ) High. Chip Select ( S ) can be driven High at
any time during data output. Any Read OTP (ROTP)
instruction issued while an Erase, Program or Write Status
Register cycle is in progress, is rejected without having any
effect on the cycle that is in progress.
Figure 13. Read OTP (ROTP) instruction and data-out sequence
Instruction
(4Bh or 48h)
High Impedance
MSB
810
9
0 1 234 5 6 7
24-Bit Address
28 29 30 31
23 22 21
3 21 0
7
0
S
C
S
C
32 33 34 35 36 37 38 39
654
1
7
3
40 41 42 43 44 45 46 47
20
Dummy Byte
MSB
MSB
7 6 54 32 1
MSB
7 6 54 32 1 0
Data Out 1
Data Out n
0
DI
DO
DI
DO
Note: A23 to A6 are don’t care. (1
≤ n ≤ 64)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com