Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFO080QL Datasheet(PDF) 13 Page - AMIC Technology

Part # A25GFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL Datasheet(HTML) 13 Page - AMIC Technology

Back Button A25GFO080QL Datasheet HTML 9Page - AMIC Technology A25GFO080QL Datasheet HTML 10Page - AMIC Technology A25GFO080QL Datasheet HTML 11Page - AMIC Technology A25GFO080QL Datasheet HTML 12Page - AMIC Technology A25GFO080QL Datasheet HTML 13Page - AMIC Technology A25GFO080QL Datasheet HTML 14Page - AMIC Technology A25GFO080QL Datasheet HTML 15Page - AMIC Technology A25GFO080QL Datasheet HTML 16Page - AMIC Technology A25GFO080QL Datasheet HTML 17Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
A25LQ080 Series
(April, 2016, Version 1.0)
12
AMIC Technology Corp.
Note: (1) Dual Output Data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
(2) Dual Input Address
IO0 = (A22, A20, A18, A16, A14, A12, A10, A8, A6, A4, A2, A0, M6, M4, M2, M0)
IO1 = (A23, A21, A19, A17, A15, A13, A11, A9, A7, A5, A3, A1, M7, M5, M3, M1)
(3) Quad Input Address
IO0 = (A20, A16, A12, A8, A4, A0, M4, M0)
IO1 = (A21, A17, A13, A9, A5, A1, M5, M1)
IO2 = (A22, A18, A14, A10, A6, A2, M6, M2)
IO3 = (A23, A19, A15, A11, A7, A3, M7, M3)
(4) Quad Output Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3, …..)
(5) Dual Input Fast Program Input Data
IO0 = (D6, D4, D2, D0)
IO1 = (D7, D5, D3, D1)
(6) Quad Input Fast Program Input Data
IO0 = (D4, D0, …..)
IO1 = (D5, D1, …..)
IO2 = (D6, D2, …..)
IO3 = (D7, D3, …..)
(7) ADD= (00h) will output manufacturer’s ID first and ADD=(01h) will output device ID first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com