Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A25GFO080QL Datasheet(PDF) 2 Page - AMIC Technology

Part # A25GFO080QL
Description  8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A25GFO080QL Datasheet(HTML) 2 Page - AMIC Technology

  A25GFO080QL Datasheet HTML 1Page - AMIC Technology A25GFO080QL Datasheet HTML 2Page - AMIC Technology A25GFO080QL Datasheet HTML 3Page - AMIC Technology A25GFO080QL Datasheet HTML 4Page - AMIC Technology A25GFO080QL Datasheet HTML 5Page - AMIC Technology A25GFO080QL Datasheet HTML 6Page - AMIC Technology A25GFO080QL Datasheet HTML 7Page - AMIC Technology A25GFO080QL Datasheet HTML 8Page - AMIC Technology A25GFO080QL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
A25LQ080 Series
8Mbit, 3V Suspend/Resume, Dual/Quad-I/O Serial Flash Memory
with 100MHz Uniform 4KB Sectors
(April, 2016, Version 1.0)
1
AMIC Technology Corp.
FEATURES
Family of Serial Flash Memories
- A25LQ080: 8M-bit /2M-byte
Flexible Sector Architecture with 4KB sectors
- Sector Erase (4K-bytes) in 70ms (typical)
- Block Erase (64K-bytes) in 0.5s (typical)
- Program/Erase Suspend & Resume
Page Program (up to 256 Bytes) in 1.5ms (typical)
2.7 to 3.6V Single Supply Voltage
Dual input / output instructions resulting in an equivalent
clock frequency of 200MHz:
- FAST_READ_DUAL_OUTPUT Instruction
- FAST_READ_DUAL_INPUT_OUTPUT Instruction
- Dual Input Fast Program (DIFP) Instruction
Quad input / output instructions resulting in an equivalent
clock frequency of 400MHz:
- FAST_READ_QUAD_ OUTPUT Instruction
- FAST_READ_QUAD_INPUT_OUTPUT Instruction
- Quad Input Fast Program (QIFP) Instruction
SPI Bus Compatible Serial Interface
100MHz Clock Rate (maximum)
Deep Power-down Mode 15µA (Max.)
Advanced Protection Features
- Software and Hardware Write-Protect
- Top/Bottom, 4KB Complement Array Protection
Additional 64-byte user-lockable, one-time programmable
(OTP) area
8Mbit Flash memory
- Uniform 4-Kbyte Sectors
- Uniform 64-Kbyte Blocks
Electronic Signatures
- JEDEC Standard Two-Byte Signature
A25LQ080: (4014h)
- RES
Instruction, One-Byte, Signature, for backward
compatibility
A25LQ080: (13h)
Package options
- 8-pin SOP (150/209mil), 8-pin DIP (300mil) or 8-pin WSON
(6*5mm)
- All Pb-free (Lead-free) products are RoHS compliant
GENERAL DESCRIPTION
The A25LQ080 is 8M bit Serial Flash Memory, with advanced
write protection mechanisms, accessed by a high speed
SPI-compatible bus.
The memory can be programmed 1 to 256 bytes at a time,
using the Page Program instruction.
The memory is organized as 16 blocks, each containing 16
sectors. Each sector is composed of 16 pages. Each page is
256 bytes wide. Thus, the whole memory can be viewed as
consisting of 4,096 pages, or 1,048,576 bytes.
The whole memory can be erased using the Chip Erase
instruction, a block at a time, using Block Erase instruction, or a
sector at a time, using the Sector Erase instruction.
Pin Configurations
SOP8 Connections
DIP8 Connections
WSON8 Connections
A25LQ080
V
CC
C
DO (IO1)
DI (IO0)
S
W (IO2)
HOLD (IO3)
V
SS
1
8
2
7
3
6
4
5
A25LQ080
1
2
3
4
8
7
6
5
DO (IO1)
S
W (IO2)
V
SS
V
CC
C
DI (IO0)
HOLD (IO3)
A25LQ080
V
CC
C
DO (IO1)
DI (IO0)
S
W (IO2)
HOLD (IO3)
V
SS
1
8
2
7
3
6
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com