Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PAC Datasheet(PDF) 16 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 16 Page - Texas Instruments

Back Button TNETE2004PAC Datasheet HTML 12Page - Texas Instruments TNETE2004PAC Datasheet HTML 13Page - Texas Instruments TNETE2004PAC Datasheet HTML 14Page - Texas Instruments TNETE2004PAC Datasheet HTML 15Page - Texas Instruments TNETE2004PAC Datasheet HTML 16Page - Texas Instruments TNETE2004PAC Datasheet HTML 17Page - Texas Instruments TNETE2004PAC Datasheet HTML 18Page - Texas Instruments TNETE2004PAC Datasheet HTML 19Page - Texas Instruments TNETE2004PAC Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Start Delimiter
Operation Code
PHY Address
Register Address
Turnaround
Data
01
10
AAAAA
RRRRR
Z0
DDDD.DDDD.DDDD.DDDD
Figure 4. MII Frame Format: Reads
Start Delimiter
Operation Code
PHY Address
Register Address
Turnaround
Data
01
01
AAAAA
RRRRR
10
DDDD.DDDD.DDDD.DDDD
Figure 5. MII Frame Format: Writes
start delimiter
The start of a frame is indicated by a 01 pattern. This pattern ensures transitions from the default logic 1 line
state to 0 and back to 1.
operation code
The operation code for a read is 10, while the code for a write is 01.
PHY address
The PHY address is five bits wide, which allows 32 unique PHY addresses. The first PHY address bit transmitted
and received is the most-significant bit (MSB) of the address. The two least-significant bits (LSBs) represent
the PHY number within the package. The upper three bits for each internal PHY are read from the DEVSEL pins.
register address
The register address is five bits wide, allowing 32 individual registers to be addressed within each PHY. Refer
to the address maps (Figures 4 and 5) for the addresses of individual registers.
turn around
An idle-bit time, during which no device actively drives the MDIO signal, must be inserted between the register
address field and the data field of a read frame, to avoid contention. During a read frame, the PHY drives a
0 bit onto MDIO for the bit time following the idle bit and preceding the data field. During a write frame, this field
must consist of a 1 bit followed by a 0 bit.
data
The data field is composed of 16 bits. The first data bit transmitted and received is the MSB of the data payload.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com