Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PAC Datasheet(PDF) 37 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETE2004PAC Datasheet HTML 33Page - Texas Instruments TNETE2004PAC Datasheet HTML 34Page - Texas Instruments TNETE2004PAC Datasheet HTML 35Page - Texas Instruments TNETE2004PAC Datasheet HTML 36Page - Texas Instruments TNETE2004PAC Datasheet HTML 37Page - Texas Instruments TNETE2004PAC Datasheet HTML 38Page - Texas Instruments TNETE2004PAC Datasheet HTML 39Page - Texas Instruments TNETE2004PAC Datasheet HTML 40Page - Texas Instruments TNETE2004PAC Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
dc electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (see Figure 30)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
VOH
VDD = min, IOH = –300mA
2.4
V
VOL
Low-level output voltage
VOL
VDD = max, IOL = 2mA
0.5
V
VOL, see Note 7
High-level output voltage
VOL
VDD = max, IOL = 10mA
0.5
V
VOL, see Note 8
Low-level output voltage
VOL
VDD = max, IOL = 5mA
0.5
V
IOZ
IOZ
VDD = max, VO = VDD/VSS
0
10
µA
II
II
VDD = max, VO = VDD/VSS
10
µA
Ci
f = 1MHz
10
pF
Co
f = 1MHz
10
pF
ICCQ
VDD = max
100
µA
NOTES:
7. Maximum with LEDs on
8. Duplex pin
10BASE-T receiver input (RCVP, RCVN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
V(CM)
Common-mode input voltage
VIC
1.8
3.2
V
VI(DIFF)
Differential input voltage
VID
0.6
2.8
V
I(CM)
Common-mode current
IIC
4
mA
VSQ+
Rising input-pair squelch threshold
VCM = VSB, See Note 9
270
mV
VSQ–
Falling input-pair squelch threshold
VCM = VSB, See Note 9
–270
mV
NOTE 9: VSB is the self bias of the inputs RCVP and RCVN.
PLL characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VFILT
Reference PLL operating filter voltage
tc(XTL1) = 50 ns
0.8
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com