Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PAC Datasheet(PDF) 36 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETE2004PAC Datasheet HTML 32Page - Texas Instruments TNETE2004PAC Datasheet HTML 33Page - Texas Instruments TNETE2004PAC Datasheet HTML 34Page - Texas Instruments TNETE2004PAC Datasheet HTML 35Page - Texas Instruments TNETE2004PAC Datasheet HTML 36Page - Texas Instruments TNETE2004PAC Datasheet HTML 37Page - Texas Instruments TNETE2004PAC Datasheet HTML 38Page - Texas Instruments TNETE2004PAC Datasheet HTML 39Page - Texas Instruments TNETE2004PAC Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VSS
Supply voltage
0
V
VIH
High level input voltage
All inputs except XTAL1
2
VCC +0.3
V
VIH
High-level input voltage
XTAL1
2.8
VCC +0.3
V
VIL
Low-level input voltage
–0.3
0.8
V
recommended operating conditions
crystal oscillator
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSB(XTL1)
Input self-bias voltage
VIB
1.7
2.8
V
IOH(XTL2)
High-level output current
IOH
V(XTL2) = VSB(XTL1)
V(XTL1) = VSB(XTL1) + 0.5 V
–1.3
–5.0
mA
IOL(XTL2)
Low-level output current
IOL
V(XTL2) = VSB(XTL1)
V(XTL1) = VSB(XTL1) – 0.5 V
0.4
1.5
mA
recommended operating conditions
oscillator requirements
MIN
TYP
MAX
UNIT
Oscillator, parallel resonant frequency
20
MHz
Oscillator, resonant frequency error
–100
100
ppm
Oscillator, duty cycle
40
60
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com