Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PAC Datasheet(PDF) 18 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 18 Page - Texas Instruments

Back Button TNETE2004PAC Datasheet HTML 14Page - Texas Instruments TNETE2004PAC Datasheet HTML 15Page - Texas Instruments TNETE2004PAC Datasheet HTML 16Page - Texas Instruments TNETE2004PAC Datasheet HTML 17Page - Texas Instruments TNETE2004PAC Datasheet HTML 18Page - Texas Instruments TNETE2004PAC Datasheet HTML 19Page - Texas Instruments TNETE2004PAC Datasheet HTML 20Page - Texas Instruments TNETE2004PAC Datasheet HTML 21Page - Texas Instruments TNETE2004PAC Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PHY generic status register – GEN_sts at 0x1
BYTE 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BYTE 0
0
0
0
0
1
1
RESERVED
A
C
O
M
P
L
E
T
E
R
F
A
U
L
T
1
L
I
N
K
J
A
B
B
E
R
1
Figure 7. PHY Generic Status Register
Table 4. PHY Generic Status Register Bit Functions
BIT
FUNCTION
DIRECTION†
NO.
NAME
FUNCTION
DIRECTION†
15
100Base-T4 capable. Not supported, read as 0
RO
14
100Base-T4 full-duplex capable. Not supported, read as 0
RO
13
100Base-T4 half-duplex capable. Not supported, read as 0
RO
12
10BASE-TX full-duplex capable. Supported, read as 1
RO
11
10BASE-TX half-duplex capable. Supported, read as 1
RO
10–6
RESERVED
Reserved. Read as 0.
RO
5
ACOMPLETE
Auto-negotiation complete. When set, ACOMPLETE indicates that auto-negotiation has been
completed.
RO
4
RFAULT
Remote fault detected. When set, RFAULT indicates that the link partner has indicated a fault
condition by way of auto-negotiation.
RO
3
Auto-negotiation capable. Set to indicate this PHY is capable of auto-negotiation
RO
2
LINK
Link status. When set, LINK indicates that the PHY is receiving valid link pulses.
RO
1
JABBER
Jabber detected. When set, JABBER indicates the PHY has entered jabber mode. JABBER is
cleared after a reset or after TXEN is deasserted for 500 ms.
RO
0
Extended capability. This bit is hardwired to 1 to indicate that the PHY supports extensions to the
IEEE Std 802.3u.
RO
† RO = read only
PHY generic identifier, GEN_id_hi, and GEN_id_lo at 0x2 and 0x3
These two registers are hardwired to constant values. GEN_id_hi is fixed at 0x4000, and GEN_id_lo is fixed
at 0x5051.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com