Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2004PAC Datasheet(PDF) 3 Page - Texas Instruments

Part # TNETE2004PAC
Description  MDIO-MANAGED QuadPHY FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE2004PAC Datasheet(HTML) 3 Page - Texas Instruments

  TNETE2004PAC Datasheet HTML 1Page - Texas Instruments TNETE2004PAC Datasheet HTML 2Page - Texas Instruments TNETE2004PAC Datasheet HTML 3Page - Texas Instruments TNETE2004PAC Datasheet HTML 4Page - Texas Instruments TNETE2004PAC Datasheet HTML 5Page - Texas Instruments TNETE2004PAC Datasheet HTML 6Page - Texas Instruments TNETE2004PAC Datasheet HTML 7Page - Texas Instruments TNETE2004PAC Datasheet HTML 8Page - Texas Instruments TNETE2004PAC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
TNETE2004
MDIO-MANAGED QuadPHY
FOUR 10BASE-T PHYSICAL-LAYER INTERFACES
SPWS023D – OCTOBER 1996 – REVISED OCTOBER 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RGND0
FILMAG 23Z128,
23Z356 or equiv.
RJ45C
TGND0
23Z356 or equiv.
FILMAG 23Z128,
RGND1
TGND0
RJ45C
23Z356 or equiv.
FILMAG 23Z128,
RGND2
TGND0
RJ45C
23Z356 or equiv.
FILMAG 23Z128,
RGND3
TGND0
RJ45C
RCVN0
RCVP0
XMTN0
XMTP0
RCVN1
RCVP1
XMTN1
XMTP1
RCVN2
RCVP2
XMTN2
XMTP2
RCVN3
RCVP3
XMTN3
XMTP3
27 pF
20 MHz
TXEN(0–3)
TXD(0–3)
RXCLK(0–3)
DUPLEX(0–3)
LINK(0–3)
CRS(0–3)
COL(0–3)
W–4
W–4
W–4
W–4
W–4
W–4
W–4
W–4
5 V
HF70AC8453215
TNETE2004
10
µF
10
µF
0.1
µF
0.1
µF
27 pF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
MDCLK
MDIO
AUTONEG
LOOPBACK
RESET
SQE
TVDD(0-3)
RVDD(0-3)
LVDD
LVDD
LVDD
TGND(0-3)
RGND(0-3)
LGND
AVDD
AGND
XTAL1
XTAL2
XGND
IREF
LGND
LGND
LGND
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
50
Ω
180
Ω
25
Ω
25
Ω
25
Ω
25
Ω
25
Ω
25
Ω
25
Ω
25
Ω
TXCLK
W–4
LVDD
XVDD
TNETX3150
System
Controller
VCC
RXD(0–3)
10 k
Ω
TNETX15VEPGE/
TNETX15AEPGE/
TNETX315AL
VCC
10 k
Ω
10 k
Ω
CMODE0
CMODE1
5 V
10
µF
10
µF
0.1
µF
GND
AGND
100 pF
100 pF
100 pF
100 pF
Figure 2. External Components for the TNETE2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com