Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 37 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 37 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 33Page - Texas Instruments TNETX3150A Datasheet HTML 34Page - Texas Instruments TNETX3150A Datasheet HTML 35Page - Texas Instruments TNETX3150A Datasheet HTML 36Page - Texas Instruments TNETX3150A Datasheet HTML 37Page - Texas Instruments TNETX3150A Datasheet HTML 38Page - Texas Instruments TNETX3150A Datasheet HTML 39Page - Texas Instruments TNETX3150A Datasheet HTML 40Page - Texas Instruments TNETX3150A Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
37
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO interface
The DIO interface allows host access to the TNETX3150/TNETX3150A. The DIO interface provides access to
the on-chip registers and statistics.
Information that DIO provides for access follows:
D Network statistics counters – provides access to the network statistics information compiled in the statistics
RAM
D System configuration registers – to set or change the operation of the TNETX3150/TNETX3150A
D RAM access – to permit test access, allowing functional testing
D Port registers – to access port control, port status, and port address registers, permitting port management
and status interrogation
A byte-wide asynchronous interface is defined to reduce design overheads and to simplify interfacing logic.
Access
to
the
internal
TNETX3150/TNETX3150A
registers
is
available,
indirectly,
via
the
TNETX3150/TNETX3150A host registers (see
host registers for more detail).
The four host registers are addressed directly from DIO interface address lines SAD1 and SAD0 (see Table 7).
Table 7. SAD1/SAD0 Address Lines
SAD1
SAD0
DESCRIPTION
0
0
DIO address low
0
1
DIO address high
1
0
DIO data
1
1
DIO data increment
Data can be read from or written to the address registers using the data lines SDATA7–SDATA0 under the
control of chip select (SCS), read not write (SRNW), and ready (SRDY) signals. The DIO interface is shown in
Figure 15. The DIO interface timing is shown in Figures 39 and 40.
SAD1–SAD0
SDATA7–SDATA0
SCS
SRNW
SRDY
TNETX3150/TNETX3150A
Host
Figure 15. DIO Interface Signals
remote hardware reset
A hardware reset can be initiated by the DIO interface, permitting remote recovery of the
TNETX3150/TNETX3150A, without requiring external glue logic to decode a DIO address and toggle the
external reset signal of the TNETX3150/TNETX3150A. A hard DIO reset is instigated by writing 0x40000 to the
DIO
address
high
register
(SAD1=0,
SAD0=0).
This
address
is
directly
decoded
by
the
TNETX3150/TNETX3150A and forces a hardware reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com