Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 62 Page - Texas Instruments

Part # TNETX3150A
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150A Datasheet(HTML) 62 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 58Page - Texas Instruments TNETX3150A Datasheet HTML 59Page - Texas Instruments TNETX3150A Datasheet HTML 60Page - Texas Instruments TNETX3150A Datasheet HTML 61Page - Texas Instruments TNETX3150A Datasheet HTML 62Page - Texas Instruments TNETX3150A Datasheet HTML 63Page - Texas Instruments TNETX3150A Datasheet HTML 64Page - Texas Instruments TNETX3150A Datasheet HTML 65Page - Texas Instruments TNETX3150A Datasheet HTML 66Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH15-PORT 10-/100-MBIT/S ETHERNETSWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
62
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
LED interface (continued)
With LEDSTR0 and LEDSTR1 high, the LED latch is transparent and the LEDs are on.
When RESET is released, a normal LED cycle is initiated with LEDDATA held low and LEDSTR0 pulsed. The
LEDs remain on until the START bit is set (an LED cycle updating LEDSTR1 is not performed).
When the START option bit is set, the TNETX3150/TNETX3150A initiates another LED cycle with LEDDATA
held high, extinguishing the LEDs.
TNETX3150/TNETX3150A
74ACT374
Shift Register
74ACT373
Latch
74ACT374
Shift Register
74ACT373
Latch
74ACT374
Shift Register
74ACT373
Latch
74ACT374
Shift Register
74ACT373
Latch
LED Matrix
LED Matrix
LEDCLK
LEDDATA
LEDSTR0
LEDSTR1
LED Status Display
Transmit Queue Status Display
Figure 22. LED Interface
When a change is detected in the port status or transmit queue congestion status, the interface updates the LED
data. Sixteen bits of status are shifted out serially at each update. The 16th bit is reserved. The LEDSTR0 or
LEDSTR1 signal is pulsed once upon completion of the shift to latch the data. See the timing diagram in Figure
42.
JTAG interface
The TNETX3150/TNETX3150A is fully JTAG compliant with one exception; they do require external pullup
resistors on the following terminals: TDI, TMS, and TRST.
external pullup resistors
To implement internal pullup resistors, the TNETX3150/TNETX3150A would require the use of non-5V-tolerant
input pads. The use of 5V-tolerant pads was deemed more important for mixed-voltage system boards than to
integrate the required pullup resistors to be in strict compliance with the JTAG specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com